Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9057 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9057
Szczegółowy opis  8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9057 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9057_15 Datasheet HTML 1Page - Analog Devices AD9057_15 Datasheet HTML 2Page - Analog Devices AD9057_15 Datasheet HTML 3Page - Analog Devices AD9057_15 Datasheet HTML 4Page - Analog Devices AD9057_15 Datasheet HTML 5Page - Analog Devices AD9057_15 Datasheet HTML 6Page - Analog Devices AD9057_15 Datasheet HTML 7Page - Analog Devices AD9057_15 Datasheet HTML 8Page - Analog Devices AD9057_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
a
AD9057
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
REV. D
8-Bit 40 MSPS/60 MSPS/80 MSPS
A/D Converter
FUNCTIONAL BLOCK DIAGRAM
ADC
T/H
8
D7–D0
ENCODE
AIN
VREF OUT
BIAS OUT
VD
PWRDN
VDD
AD9057
VREF IN
2.5V
1k
GND
PRODUCT DESCRIPTION
The AD9057 is an 8-bit monolithic analog-to-digital converter
optimized for low cost, low power, small size, and ease of use.
With 40 MSPS, 60 MSPS, or 80 MSPS encode rate capability
and full-power analog bandwidth of 120 MHz, the component is
ideal for applications requiring excellent dynamic performance.
To minimize system cost and power dissipation, the AD9057
includes an internal 2.5 V reference and a track-and-hold (T/H)
circuit. The user must provide only a 5 V power supply and an
encode clock. No external reference or driver components are
required for many applications.
The AD9057’s encode input is TTL/CMOS compatible, and the
8-bit digital outputs can be operated from 5 V or 3 V supplies. A
power-down function may be exercised to bring total consumption
to <10 mW. In power-down mode, the digital outputs are driven
to a high impedance state.
Fabricated on an advanced BiCMOS process, the AD9057 is
available in a space-saving 20-lead shrink small outline package
(20-lead SSOP) and is specified over the industrial temperature
range (–40
∞C to +85∞C).
Customers desiring multichannel digitization may consider the
AD9059, a dual 8-bit, 60 MSPS monolithic based on the
AD9057 ADC core. The AD9059 is available in a 28-lead sur-
face-mount plastic package (28-lead SSOP) and is specified over
the industrial temperature range.
FEATURES
8-Bit, Low Power ADC: 200 mW Typical
120 MHz Analog Bandwidth
On-Chip 2.5 V Reference and Track-and-Hold
1 V p-p Analog Input Range
Single 5 V Supply Operation
5 V or 3 V Logic Interface
Power-Down Mode: <10 mW
3 Performance Grades (40 MSPS, 60 MSPS, 80 MSPS)
APPLICATIONS
Digital Communications (QAM Demodulators)
RGB and YC/Composite Video Processing
Digital Data Storage Read Channels
Medical Imaging
Digital Instrumentation


Podobny numer części - AD9057_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
More results

Podobny opis - AD9057_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRS-80 AD-AD9057BRS-80 Datasheet
207Kb / 12P
   8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
REV. C
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Analog Devices
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Intersil Corporation
HI5714 INTERSIL-HI5714 Datasheet
114Kb / 13P
   8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com