Zakładka z wyszukiwarką danych komponentów |
|
AD9057 Arkusz danych(PDF) 9 Page - Analog Devices |
|
AD9057 Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 12 page REV. D AD9057 –9– The power-down function of the AD9057 can be done through a board jumper connection. Connect E7 to E9 (5 V to PWRDN) for power-down operation. For normal operation, connect E8 to E9 (ground to PWRDN). The encode signal source should be TTL/CMOS compatible and capable of driving a 50 W termination (R7). The digital outputs of the AD9057 are buffered through latches on the evaluation board (U3) and are available for the user at connector Pins 30 to 37. Latch timing is derived from the ADC encode clock and a digital clocking signal is provided for the board user at connector Pins 2 and 21. An on-board reconstruction digital-to-analog converter is available for quick evaluations of ADC performance using an oscilloscope or spectrum analyzer. The DAC converts the ADC’s digital outputs to an analog signal for examination at the DAC OUT connector. The DAC is clocked at the ADC encode frequency. The AD9760 is a 10-bit/100 MSPS single 5 V supply DAC. The reconstruction signal facilitates quick system trouble- shooting or confirmation of ADC functionality without requiring external digital memory, timing, or display interfaces. The DAC can be used for limited dynamic testing, but customers should note that test results will be based on the combined performance of the ADC and DAC (the best ADC performance will be recognized by evaluating the digital outputs of the ADC directly). VD ENCODE PWRDN D0–D7 VDD, 3V TO 5V VD VREF OUT VREF IN 1k VD BIAS OUT VD 3k VREF IN 2.5k 500 VD VREF IN AIN Digital Inputs Analog Input Digital Outputs Bias Output VREF Output VREF Input Figure 6. Equivalent Circuits |
Podobny numer części - AD9057_15 |
|
Podobny opis - AD9057_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |