Zakładka z wyszukiwarką danych komponentów |
|
AD9058 Arkusz danych(PDF) 4 Page - Analog Devices |
|
AD9058 Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 11 page REV. AD9058 –4– EXPLANATION OF TEST LEVELS Test Level I. 100% production tested. II. 100% production tested at 25 °C, and sample tested at specified temperatures. III. Sample tested only. IV. Parameter is guaranteed by design and characterization testing. V. Parameter is a typical value only. VI. All devices are 100% production tested at 25 °C. 100% production tested at temperature extremes for extended temperature devices; sample tested at temperature extremes for commercial/industrial devices. DIGITAL BITS +VS Equivalent Digital Outputs 5V ENCODE 13k Equivalent Encode Circuit AD9058 ENCODE** AIN** –VREF +VS –VS –5.2V +5V GROUND COMP +VREF +VINT D0–D7* +VS ** INDICATES EACH PIN IS CONNECTED THROUGH 100 * INDICATES EACH PIN IS CONNECTED THROUGH 2k 0.1 F Burn-In Connections ABSOLUTE MAXIMUM RATINGS 1 Analog Input . . . . . . . . . . . . . . . . . . . . . . . . –1.5 V to +2.5 V +VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V –VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.8 V to –6 V 2 Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +VS Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA Voltage Reference Current . . . . . . . . . . . . . . . . . . . . . . 53 mA +VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5 V –VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –1.5 V Operating Temperature Range AD9058AJD/AJJ/AKD/AKJ . . . . . . . . . . . . . . . 0 °C to 70°C Maximum Junction Temperature 3 AD9058AJD/AJJ/AKD/AKJ . . . . . . . . . . . . . . . . . . . 150 °C Storage Temperature Range . . . . . . . . . . . . –65 °C to +150°C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300 °C NOTES 1Absolute maximum ratings are limiting values to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional operability is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability. 2For applications in which +V S may be applied before –V S, or +VS current is not limited to 500 mA, a reverse-biased clamping diode should be inserted between ground and –VS to prevent destructive latch up. See section entitled “Using the AD9058.” 3Typical thermal impedances: 44-lead hermetic J-leaded ceramic package: θ JA = 86.4 °C/W; θ JC = 24.9 °C/W; 48-lead hermetic: DIP θ JA = 40 °C/W; θ JC = 12 °C/W. CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD9058 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE E |
Podobny numer części - AD9058_15 |
|
Podobny opis - AD9058_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |