Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9057BRS-60 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD9057BRS-60
Szczegółowy opis  8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9057BRS-60 Arkusz danych(HTML) 2 Page - Analog Devices

  AD9057BRS-60 Datasheet HTML 1Page - Analog Devices AD9057BRS-60 Datasheet HTML 2Page - Analog Devices AD9057BRS-60 Datasheet HTML 3Page - Analog Devices AD9057BRS-60 Datasheet HTML 4Page - Analog Devices AD9057BRS-60 Datasheet HTML 5Page - Analog Devices AD9057BRS-60 Datasheet HTML 6Page - Analog Devices AD9057BRS-60 Datasheet HTML 7Page - Analog Devices AD9057BRS-60 Datasheet HTML 8Page - Analog Devices AD9057BRS-60 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. D
–2–
AD9057–SPECIFICATIONS (V
D = 5 V, VDD = 3 V; external reference, unless otherwise noted.)
Test
AD9057BRS-40
AD9057BRS-60
AD9057BRS-80
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
8
8
Bits
DC ACCURACY
Differential Nonlinearity
25
∞CI
0.75
1.9
0.75
1.9
0.75
1.9
LSB
Full
VI
2.0
2.0
2.0
LSB
Integral Nonlinearity
25
∞CI
0.75
1.9
0.75
1.9
0.75
1.9
LSB
Full
VI
2.0
2.0
2.0
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Guaranteed
Gain Error
1
25
∞CI
–6
–2.5
+6
–6
–2.5
+6
–6
–2.5
+6
% FS
Full
VI
–8
+8
–8
+8
–8
+8
% FS
Gain Tempco
1
Full
V
±70
±70
±70
ppm/
∞C
ANALOG INPUT
Input Voltage Range
(Centered at 2.5 V)
25
∞CV
1.0
1.0
1.0
V p-p
Input Offset Voltage
25
∞CI
–15
0
+15
–15
0
+15
–15
0
+15
mV
Full
VI
–25
+25
–25
+25
–25
+25
mV
Input Resistance
25
∞CV
150
150
150
k
W
Input Capacitance
25
∞CV
222
pF
Input Bias Current
25
∞CI
6
16
6
16
6
16
mA
Full
VI
25
25
25
mA
Analog Bandwidth
25
∞CV
120
120
120
MHz
BAND GAP REFERENCE
Output Voltage
Full
VI
2.4
2.5
2.6
2.4
2.5
2.6
2.4
2.5
2.6
V
Temperature Coefficient
Full
V
±10
±10
±10
ppm/
∞C
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
40
60
80
MSPS
Minimum Conversion Rate
Full
IV
5
5
5
MSPS
Aperture Delay (tA)25
∞CV
2.7
2.7
2.7
ns
Aperture Uncertainty (Jitter)
25
∞CV
555
ps rms
Output Valid Time (tV)
2
Full
IV
4.0
6.6
4.0
6.6
4.0
6.6
ns
Output Propagation Delay (tPD)
2
Full
IV
11.5
18.0
9.5
14.2
8.0
11.3
ns
DYNAMIC PERFORMANCE
3
Transient Response
25
∞CV
999
ns
Overvoltage Recovery Time
25
∞CV
999
ns
Signal-to-Noise Ratio (SINAD)
(With Harmonics)
fIN = 10.3 MHz
25
∞CI
42
45.5
42
45
41.5
45
dB
fIN = 76 MHz
25
∞CV
44.0
43.5
43.5
dB
Effective Number of Bits (ENOB)
fIN = 10.3 MHz
25
∞CI
6.7
7.2
6.7
7.2
6.6
7.2
Bits
fIN = 76 MHz
25
∞CV
7.0
6.9
6.9
Bits
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 10.3 MHz
25
∞CI
43
46.5
43
46
42.5
46
dB
fIN = 76 MHz
25
∞CV
45.5
45
45
dB
Second Harmonic Distortion
fIN = 10.3 MHz
25
∞CI
–50
–62
–50
–62
–50
–62
dBc
fIN = 76 MHz
25
∞CV
–54
–54
–54
dBc
Third Harmonic Distortion
fIN = 10.3 MHz
25
∞CI
–46
–60
–46
–60
–46
–60
dBc
fIN = 76 MHz
25
∞CV
–54
–54
–54
dBc
Two Tone Intermodulation
Distortion (IMD)
25
∞CV
–52
–52
–52
dBc
Differential Phase
25
∞CV
0.8
0.8
0.8
Degrees
Differential Gain
25
∞CV
1.0
1.0
1.0
%
DIGITAL INPUTS
Logic 1 Voltage
Full
VI
2.0
2.0
2.0
V
Logic 0 Voltage
Full
VI
0.8
0.8
0.8
V
Logic 1 Current
Full
VI
±1
±1
±1
mA
Logic 0 Current
Full
VI
±1
±1
±1
mA
Input Capacitance
25
∞CV
4.5
4.5
4.5
pF
Encode Pulsewidth High (tEH)25
∞CIV
9.0
166
6.7
166
5.5
166
ns
Encode Pulsewidth Low (tEL)25
∞CIV
9.0
166
6.7
166
5.5
166
ns


Podobny numer części - AD9057BRS-60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9057BRS-60 AD-AD9057BRS-60 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRS-60 AD-AD9057BRS-60 Datasheet
207Kb / 12P
   8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
REV. C
AD9057BRS-60 AD-AD9057BRS-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRS-60 AD-AD9057BRS-60 Datasheet
358Kb / 13P
   A/D Converter
More results

Podobny opis - AD9057BRS-60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRS-80 AD-AD9057BRS-80 Datasheet
207Kb / 12P
   8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
REV. C
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Analog Devices
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Intersil Corporation
HI5714 INTERSIL-HI5714 Datasheet
114Kb / 13P
   8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com