Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9059 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9059
Szczegółowy opis  Dual 8-Bit, 60 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9059 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9059_15 Datasheet HTML 1Page - Analog Devices AD9059_15 Datasheet HTML 2Page - Analog Devices AD9059_15 Datasheet HTML 3Page - Analog Devices AD9059_15 Datasheet HTML 4Page - Analog Devices AD9059_15 Datasheet HTML 5Page - Analog Devices AD9059_15 Datasheet HTML 6Page - Analog Devices AD9059_15 Datasheet HTML 7Page - Analog Devices AD9059_15 Datasheet HTML 8Page - Analog Devices AD9059_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD9059
Dual 8-Bit, 60 MSPS A/D Converter
FEATURES
Dual 8-Bit ADCs on a Single Chip
Low Power: 400 mW Typical
On-Chip 2.5 V Reference and Track-and-Hold
1 V p-p Analog Input Range
Single 5 V Supply Operation
5 V or 3 V Logic Interface
120 MHz Analog Bandwidth
Power-Down Mode: <12 mW
APPLICATIONS
Digital Communications (QAM Demodulators)
RGB and YC/Composite Video Processing
Digital Data Storage Read Channels
Medical Imaging
Digital Instrumentation
FUNCTIONAL BLOCK DIAGRAM
ADCA
T/H
ADCB
2.5V
T/H
8
8
ENCODE
AINA
AINB
VREF
VD
GND
PWRDN
AD9059
VDD
D7A–D0A
D7B–D0B
PRODUCT DESCRIPTION
The AD9059 is a dual 8-bit monolithic analog-to-digital converter
optimized for low cost, low power, small size, and ease of use.
With a 60 MSPS encode rate capability and full-power analog
bandwidth of 120 MHz typical, the component is ideal for
applications requiring multiple ADCs with excellent dynamic
performance.
To minimize system cost and power dissipation, the AD9059
includes an internal 2.5 V reference and dual track-and-hold
circuits. The ADC requires only a 5 V power supply and an
encode clock. No external reference or driver components are
required for many applications.
The AD9059’s single encode input is TTL/CMOS compatible
and simultaneously controls both internal ADC channels. The
parallel 8-bit digital outputs can be operated from 5 V or 3 V
supplies. A power-down function may be exercised to bring
total consumption to <12 mW when ADC data is not required
for lengthy periods of time. In power-down mode, the digital
outputs are driven to a high impedance state.
Fabricated on an advanced BiCMOS process, the AD9059
is available in a space-saving 28-lead shrink small outline
package (28-lead SSOP) and is specified over the industrial
temperature range (–40
°C to +85°C).
Customers desiring single-channel digitization may consider the
AD9057, a single 8-bit, 60 MSPS monolithic based on the
AD9059 ADC core. The AD9057 is available in a 20-lead shrink
small outline package (20-lead SSOP) and is specified over the
industrial temperature range.
PIN CONFIGURATION
14
13
12
11
10
17
16
15
19
18
20
28
27
26
25
24
23
22
21
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD9059
AINA
VD
ENCODE
GND
AINB
VREF
PWRDN
VD
D7B (MSB)
VDD
GND
GND
VDD
D7A (MSB)
D6A
D5A
D4A
D4B
D5B
D6B
D3A
D2A
D1A
D0A (LSB)
D3B
D0B (LSB)
D1B
D2B


Podobny numer części - AD9059_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results

Podobny opis - AD9059_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Fujitsu Component Limit...
MB40768H FUJITSU-MB40768H Datasheet
132Kb / 16P
   D/A Converter (1-ch, 8-bit, 60 MSPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com