Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9060 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9060
Szczegółowy opis  10-Bit 75 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9060 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9060_15 Datasheet HTML 1Page - Analog Devices AD9060_15 Datasheet HTML 2Page - Analog Devices AD9060_15 Datasheet HTML 3Page - Analog Devices AD9060_15 Datasheet HTML 4Page - Analog Devices AD9060_15 Datasheet HTML 5Page - Analog Devices AD9060_15 Datasheet HTML 6Page - Analog Devices AD9060_15 Datasheet HTML 7Page - Analog Devices AD9060_15 Datasheet HTML 8Page - Analog Devices AD9060_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. B
AD9060
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1
1/2REF
Midpoint of Internal Reference Ladder.
2, 16, 28, 29, 35, 41, 42, 54, 64
–VS
Negative Supply Voltage; Nominally –5.2 V
± 5%.
3, 6, 15, 30, 33, 34, 37, 40,
+VS
Positive Supply Voltage; Nominally +5 V
± 5%.
65, 68
4, 5, 17, 18, 25, 27, 31, 32, 36,
GND
All ground pins should be connected together and to low impedance
38, 39, 43, 45, 52, 53, 66, 67
ground plane.
7
3/4REF
Three-Quarter Point of Internal Reference Ladder.
8, 9
AIN
Analog Input; Nominally between
± 1.75 V.
11
+VSENSE
Voltage Sense Line to Most Positive Point on Internal Resistor Ladder.
Normally 1.75 V.
12
+VREF
Voltage Force Connection for Top of Internal Reference Ladder.
Normally driven to provide 1.75 V at +VSENSE.
13
ENCODE
Differential ECL Convert Signal, Starts Digitizing Process.
14
ENCODE
ECL Compatible Convert Command, Used to Begin Digitizing Process.
19–23, 46–50
D0–D9
ECL Compatible Digital Output Data.
51
OVERFLOW
ECL Compatible Output Indicating AIN > +VSENSE.
56
–VREF
Voltage Force Connection for Bottom of Internal Reference Ladder.
Normally driven to provide –1.75 V at –VSENSE.
57
–VSENSE
Voltage Sense Line to Most Negative Point on Internal Resistor Ladder.
Normally –1.75 V.
59
LSBs INVERT
Normally Grounded. When connected to +VS, lower order bits
(D0–D8) are inverted. Not ECL compatible.
61
MSB INVERT
Normally Grounded. When connected to +VS, most significant bit
(MSB; D9) is inverted. Not ECL compatible.
63
1/4REF
One-Quarter Point of Internal Reference Ladder.
PIN CONFIGURATION
60
9
10
61
44
43
27
26
AD9060
NC
ENCODE
GND
(LSB) D0
D4
NC
NC
NC
LSBs INVERT
NC
GND
OVERFLOW
D9 (MSB)
NC
GND
GND
GND
GND
NC
D2
D1
D3
D6
D8
D5
D7
+VSENSE
–VSENSE
+VREF
–VREF
–VS
+VS
–VS
ENCODE
NC = NO CONNECT
TOP VIEW
(Not to Scale)


Podobny numer części - AD9060_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9060/PCB AD-AD9060/PCB Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060JE AD-AD9060JE Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060JZ AD-AD9060JZ Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060KE AD-AD9060KE Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060KZ AD-AD9060KZ Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
More results

Podobny opis - AD9060_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9060 AD-AD9060 Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Intersil Corporation
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1386Y INTERSIL-HI1386Y Datasheet
474Kb / 8P
   8-Bit, 75 MSPS Flash A/D Converter
April 1995
HI1386 INTERSIL-HI1386_03 Datasheet
237Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1386 RENESAS-HI1386 Datasheet
470Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
March 2003
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com