Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9060 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9060
Szczegółowy opis  10-Bit 75 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9060 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9060_15 Datasheet HTML 4Page - Analog Devices AD9060_15 Datasheet HTML 5Page - Analog Devices AD9060_15 Datasheet HTML 6Page - Analog Devices AD9060_15 Datasheet HTML 7Page - Analog Devices AD9060_15 Datasheet HTML 8Page - Analog Devices AD9060_15 Datasheet HTML 9Page - Analog Devices AD9060_15 Datasheet HTML 10Page - Analog Devices AD9060_15 Datasheet HTML 11Page - Analog Devices AD9060_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. B
AD9060
–11–
AD9712 DAC IOUT
D
U5
AD9617
BUFFERED
ANALOG
INPUT
TO
ERROR
WAVEFORM
CIRCUIT
200
50
400
24
DUT
ANALOG
INPUT
J2
–5V
+5V
–VS
+VS GND
+5V
AIN
+VREF
+VSENSE
3/4REF
1/2REF
1/4REF
–VSENSE
–VREF
REFERENCE
CIRCUIT
MSB INVERT
LSBs INVERT
(LSB) D0
D1
D2
D3
D4
D5
D6
D7
D8
(MSB) D9
OVERFLOW
ENCODE
AD9060
DUT
D
D
D
D
D
D
D
D
D
D
D
Q
CLK
ECL
LATCHES
DIFFERENTIAL
ECL CLOCK
OUTPUT
DATA
CONNECTOR
DATA
READY
DAC
OUT
50
TO ERROR
WAVEFORM
CIRCUIT
TIMING
CIRCUIT
ENCODE
Figure 13. PCB Evaluation Board Block Diagram
On-board reconstruction of the digital data is provided through
the AD9712, a 12-bit monolithic DAC. The analog and recon-
structed waveforms can be summed on the board to allow the
user to observe the linearity of the AD9060 and the effects of
the quarter-point voltages. The digital data and an adjustable
data ready signal are available via a 37-pin edge connector.
AD9060/PCB EVALUATION BOARD
The AD9060/PCB Evaluation Board is available from the factory
and is shown here in block diagram form. The board includes a
reference circuit that allows the user to adjust both references and
the quarter-point voltages. The AD9617 is included as the drive
amplifier, and the user can configure the gain from –1 to –15.


Podobny numer części - AD9060_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9060/PCB AD-AD9060/PCB Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060JE AD-AD9060JE Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060JZ AD-AD9060JZ Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060KE AD-AD9060KE Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060KZ AD-AD9060KZ Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
More results

Podobny opis - AD9060_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9060 AD-AD9060 Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Intersil Corporation
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1386Y INTERSIL-HI1386Y Datasheet
474Kb / 8P
   8-Bit, 75 MSPS Flash A/D Converter
April 1995
HI1386 INTERSIL-HI1386_03 Datasheet
237Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1386 RENESAS-HI1386 Datasheet
470Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
March 2003
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com