Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9060 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9060
Szczegółowy opis  10-Bit 75 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9060 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9060_15 Datasheet HTML 1Page - Analog Devices AD9060_15 Datasheet HTML 2Page - Analog Devices AD9060_15 Datasheet HTML 3Page - Analog Devices AD9060_15 Datasheet HTML 4Page - Analog Devices AD9060_15 Datasheet HTML 5Page - Analog Devices AD9060_15 Datasheet HTML 6Page - Analog Devices AD9060_15 Datasheet HTML 7Page - Analog Devices AD9060_15 Datasheet HTML 8Page - Analog Devices AD9060_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. B
–3–
AD9060
Test
AD9060JZ
AD9060KZ
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
(continued)
Signal-to-Noise Ratio
4
(Without Harmonics)
fIN = 2.3 MHz
25
°CI
54
56
54
58
dB
fIN = 10.3 MHz
25
°CI
51
55
51
55
dB
fIN = 29.3 MHz
25
°CI
46
48
46
48
dB
Harmonic Distortion
fIN = 2.3 MHz
25
°CI
61
65
61
65
dBc
fIN = 10.3 MHz
25
°CI
55
58
55
58
dBc
fIN = 29.3 MHz
25
°CI
47
50
47
50
dBc
Two-Tone Intermodulation
Distortion Rejection
5
25
°CV
70
70
dBc
Differential Phase
25
°CV
0.5
0.5
Degrees
Differential Gain
25
°CV
1
1
%
ENCODE INPUT
Logic 1 Voltage
Full
VI
–1.1
–1.1
V
Logic 0 Voltage
Full
VI
–1.5
–1.5
V
Logic 1 Current
Full
VI
150
300
150
300
µA
Logic 0 Current
Full
VI
150
300
150
300
µA
Input Capacitance
25
°CV
5
5
pF
Pulsewidth (High)
25
°CI
6
6
ns
Pulsewidth (Low)
25
°CI
6
6
ns
DIGITAL OUTPUTS
Logic 1 Voltage
Full
VI
–1.1
–1.1
V
Logic 0 Voltage
Full
VI
–1.5
–1.5
V
POWER SUPPLY
+VS Supply Current
25
°CVI
420
500
420
500
mA
Full
VI
500
500
mA
–VS Supply Current
25
°CVI
150
180
150
180
mA
Full
VI
190
190
mA
Power Dissipation
25
°CVI
2.8
3.3
2.8
3.3
W
Full
VI
3.5
3.5
W
Power Supply Rejection
Ratio (PSRR)
6
Full
VI
6
10
6
10
mV/V
NOTES
13/4
REF, 1/2REF, and 1/4REF reference ladder taps are driven from dc sources at +0.875 V, 0 V, and –0.875 V, respectively. Outputs terminated through 100 Ω to –2.0 V;
CL < 4 pF. Accuracy of the overflow comparator is not tested and not included in linearity specifications.
2Measured with A
IN = +VSENSE
3Output delay measured as worst-case time from 50% point of the rising edge of ENCODE to 50% point of the slowest rising or falling edge of D
0–D9. Output skew
measured as worst-case difference in output delay among D0–D9.
4RMS signal to rms noise with analog input signal 1 dB below full scale at specified frequency.
5Intermodulation measured with analog input frequencies of 2.3 MHz and 3.0 MHz at 7 dB below full scale.
6Measured as the ratio of the worst-case change in transition voltage of a single comparator for a 5% change in + V
S or –VS.
Specifications subject to change without notice.


Podobny numer części - AD9060_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9060/PCB AD-AD9060/PCB Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060JE AD-AD9060JE Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060JZ AD-AD9060JZ Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060KE AD-AD9060KE Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060KZ AD-AD9060KZ Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
More results

Podobny opis - AD9060_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9060 AD-AD9060 Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Intersil Corporation
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1386Y INTERSIL-HI1386Y Datasheet
474Kb / 8P
   8-Bit, 75 MSPS Flash A/D Converter
April 1995
HI1386 INTERSIL-HI1386_03 Datasheet
237Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1386 RENESAS-HI1386 Datasheet
470Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
March 2003
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com