Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9070 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9070
Szczegółowy opis  10-Bit, 100 MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9070 Arkusz danych(HTML) 4 Page - Analog Devices

  AD9070_15 Datasheet HTML 1Page - Analog Devices AD9070_15 Datasheet HTML 2Page - Analog Devices AD9070_15 Datasheet HTML 3Page - Analog Devices AD9070_15 Datasheet HTML 4Page - Analog Devices AD9070_15 Datasheet HTML 5Page - Analog Devices AD9070_15 Datasheet HTML 6Page - Analog Devices AD9070_15 Datasheet HTML 7Page - Analog Devices AD9070_15 Datasheet HTML 8Page - Analog Devices AD9070_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD9070
–4–
REV. C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9070 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Table I. Output Coding
Two’s
Step
AIN–
AIN
Code
Complement
OR
1024
≥ 0.512 V
>511
01 1111 1111
1
1023
0.511 V
511
01 1111 1111
0
1022
0.510 V
510
01 1111 1110
0
••
••
••
513
0.001 V
1
00 0000 0001
0
512
0.000 V
0
00 0000 0000
0
511
–0.001 V
–1
11 1111 1111
0
••
••
••
1
–0.511 V
–511
10 0000 0001
0
0
–0.512 V
–512
10 0000 0000
0
–1
≤ –0.513 V
<512
10 0000 0000
1
ABSOLUTE MAXIMUM RATINGS
*
VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –6 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . VEE –1 V to +1.0 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . VEE to 0.0 V
VREF IN, VREF OUT . . . . . . . . . . . . . . . . . . . . VEE to 0.0 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . 150
°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; functional operation of the device at
these or any other conditions outside of those indicated in the operation sections of this
specification is not implied. Exposure to absolute maximum ratings for extended
periods may affect device reliability.
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% production tested.
II – 100% production tested at 25
°C and sample tested at
specified temperatures.
III – Sample tested only.
IV – Parameter is guaranteed by design and characteriza-
tion testing.
V – Parameter is a typical value only.
VI – 100% production tested at 25
°C; guaranteed by design
and characterization testing for industrial temperature
range; 100% production tested at temperature extremes
for military devices.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9070BR
–40
°C to +85°C
Small Outline IC (SOIC)
R-28
AD9070/PCB
25
°C
Evaluation Board
5962-9756301HXC
–55
°C to +125°C
Ceramic DIP
DH-28


Podobny numer części - AD9070_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9070/PCB AD-AD9070/PCB Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070BR AD-AD9070BR Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
More results

Podobny opis - AD9070_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com