Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9070 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9070
Szczegółowy opis  10-Bit, 100 MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9070 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9070_15 Datasheet HTML 7Page - Analog Devices AD9070_15 Datasheet HTML 8Page - Analog Devices AD9070_15 Datasheet HTML 9Page - Analog Devices AD9070_15 Datasheet HTML 10Page - Analog Devices AD9070_15 Datasheet HTML 11Page - Analog Devices AD9070_15 Datasheet HTML 12Page - Analog Devices AD9070_15 Datasheet HTML 13Page - Analog Devices AD9070_15 Datasheet HTML 14Page - Analog Devices AD9070_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD9070
–11–
REV. C
5 V Operation
The AD9070 may be operated above ground, with a single 5 V
power supply. All power supply ground pins are connected to
5 V, and VEE pins are connected to ground (Figure 12). Care must
be taken in connecting signals and determining bypass rails.
The reference voltage (REF OUT) is still generated with respect
to the positive rail, which is now 5 V. It is nominally 2.5 V, but
its voltage with respect to ground will vary directly with changes
in the power supply voltage (for example, if the power supply
goes to 5.1 V, the reference becomes 2.6 V). The reference
input is likewise processed with respect to 5 V. This dictates
that these pins be bypassed to 5 V as well. However, the COMP
and REF BYPASS pins must continue to be bypassed to the
most negative supply, which is now ground. The
AIN input
must still be connected or bypassed to the ground reference of
the input signal.
AD9070
0.1 F
ENCODE
ENCODE
VEE
GND
500
0.1 F
RT
ENCODE
ENCODE
VIN
1Vp-p
AIN
AIN
VREF OUT
VREF IN
(MSB) D9
510
(OR 100
TO +3V)
D9
(LSB) D0
510
(OR 100
TO +3V)
D0
5V
COMP
REF
BYPASS
10 H
5V
0.1 F
0.1 F
0.1 F
Figure 12. AD9070 in 5 V (PECL) Environment
Package Options
The AD9070 is available in two packages. The BR package is a
standard 28-lead Small Outline IC (SOIC). The DIP package is
a ceramic Dual-in-Line Hybrid. The SOIC is offered in a commer-
cial grade, and specified over the industrial (–40
°C to +85°C)
temperature range. The DIP is a full MIL-PRF-38534 QML
version that operates from (–55
°C to +125°C).
The SOIC version includes the on-chip voltage reference, whereas
the DIP does not. The DIP, however, provides the Overrange
(OR) output, and includes reference and power supply bypass-
ing, along with an internal compensation capacitor.
Equivalent performance may be obtained with either part though,
due to the internal bypassing, the DIP is not as sensitive to
board layout and parasitics.


Podobny numer części - AD9070_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9070/PCB AD-AD9070/PCB Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070BR AD-AD9070BR Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
More results

Podobny opis - AD9070_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com