Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9070 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD9070
Szczegółowy opis  10-Bit, 100 MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9070 Arkusz danych(HTML) 2 Page - Analog Devices

  AD9070_15 Datasheet HTML 1Page - Analog Devices AD9070_15 Datasheet HTML 2Page - Analog Devices AD9070_15 Datasheet HTML 3Page - Analog Devices AD9070_15 Datasheet HTML 4Page - Analog Devices AD9070_15 Datasheet HTML 5Page - Analog Devices AD9070_15 Datasheet HTML 6Page - Analog Devices AD9070_15 Datasheet HTML 7Page - Analog Devices AD9070_15 Datasheet HTML 8Page - Analog Devices AD9070_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. C
AD9070–SPECIFICATIONS
Test
AD9070BR
5962-9756301HXC
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
10
10
Bit
DC ACCURACY
Differential Nonlinearity
25
°CI
±0.6
+1.25/–1.0
±0.6
+1.25/–1.0
LSB
Full
VI
±0.7
+1.5/–1.0
±0.9
+2.00/–1.0
LSB
Integral Nonlinearity
25
°CI
±0.6
±1.5
±0.6
±1.5
LSB
Full
VI
±0.9
±1.5
±2.25
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Gain Error
1
25
°CI
±1
±4
±1
±4% FS
Full
VI
±2
±6% FS
Gain Tempco
1
Full
V
115
130
ppm/
°C
ANALOG INPUT
Input Voltage Range (with Respect to
AIN)
Full
V
±512
±512
mV p-p
Common-Mode Voltage
Full
V
–2.5
± 0.2
–2.5
± 0.2
V
Input Offset Voltage
25
°CI
±7
±18
±7
±18
mV
Full
I
±8
±9
±20
mV
Input Resistance
25
°C
I
10
40
10
40
k
Full
I
40
10
40
k
Input Capacitance
25
°CV
3
3
pF
Input Bias Current
25
°C
I
75
200
75
200
µA
Full
I
75
75
200
µA
Analog Bandwidth, Full Power
25
°C
V
230
230
MHz
REFERENCE OUTPUT
Output Voltage
Full
VI
–2.4
–2.5
–2.6
N/A
V
Temperature Coefficient
Full
V
170
N/A
ppm/
°C
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
100
100
MSPS
Minimum Conversion Rate
Full
IV
40
40
MSPS
Encode Pulsewidth High (tEH)25
°C
IV
4.5
13
4.5
13
ns
Encode Pulsewidth Low (tEL)25
°C
IV
4.5
13
4.5
13
ns
Aperture Delay (tA)25
°C
V
0.85
0.85
ns
Aperture Uncertainty (Jitter)
25
°C
V
2.5
2.5
ps rms
Output Valid Time (tV)
2
Full
VI
1.5
2.6
1.5
2.6
ns
Output Propagation Delay (tPD)
2
Full
VI
3.0
4.0
3.0
4.0
ns
Output Rise Time (tR)
Full
VI
0.5
0.5
1.2
ns
Output Fall Time (tF)
Full
VI
0.5
0.5
1.2
ns
DIGITAL INPUTS
Logic “1” Voltage
Full
IV
–1.1
–0.4
–1.1
–0.4
V
Logic “0” Voltage
Full
IV
–1.5
–1.5
V
Logic “1” Current
Full
VI
±10
±10
µA
Logic “0” Current
Full
VI
±10
±10
µA
Input Capacitance
25
°CV
3
3
pF
DIGITAL OUTPUTS
Logic “1” Voltage
Full
VI
–1.1
–1.15
V
Logic “0” Voltage
Full
VI
–1.65
–1.60
V
Output Coding
Two’s Complement
Two’s Complement
POWER SUPPLY
VEE Supply Current (VEE = –5 V)
Full
VI
80
120
150
80
120
150
mA
Power Dissipation
3
Full
VI
400
600
750
400
600
750
mW
Power Supply Sensitivity
4
25
°C
I
0.005
0.012
0.005
0.012
V/V
(VEE = –5 V, ENCODE = 100 MSPS, outputs loaded with 100
to –2 V unless
otherwise noted.)


Podobny numer części - AD9070_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9070/PCB AD-AD9070/PCB Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070BR AD-AD9070BR Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
More results

Podobny opis - AD9070_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com