Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9071 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9071
Szczegółowy opis  10-Bit, 100 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9071 Arkusz danych(HTML) 4 Page - Analog Devices

  AD9071_15 Datasheet HTML 1Page - Analog Devices AD9071_15 Datasheet HTML 2Page - Analog Devices AD9071_15 Datasheet HTML 3Page - Analog Devices AD9071_15 Datasheet HTML 4Page - Analog Devices AD9071_15 Datasheet HTML 5Page - Analog Devices AD9071_15 Datasheet HTML 6Page - Analog Devices AD9071_15 Datasheet HTML 7Page - Analog Devices AD9071_15 Datasheet HTML 8Page - Analog Devices AD9071_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9071
–4–
REV. C
Table I. Output Coding
Offset
Code
AIN–
AIN
Binary
OR
1023
≥ 0.512 V
11 1111 1111
1
1023
0.511 V
11 1111 1111
0
1022
0.510 V
11 1111 1110
0
••
••
••
513
0.001 V
10 0000 0001
0
512
0.000 V
10 0000 0000
0
511
–0.001 V
01 1111 1111
0
••
••
••
1
–0.511 V
00 0000 0001
0
0
–0.512 V
00 0000 0000
0
0
≤–0.513 V
00 0000 0000
1
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1, 7, 12, 21, 23
GND
Ground
2, 8, 11
VCC
Analog Power Supply. Nominally 5.0 V. (Tie together to prevent a possible latch-up condition.)
3
VREF OUT
Internal Reference Output (VCC – 2.5 V typical); Bypass with 0.1
µF to V
CC.
4
VREF IN
Reference Input for ADC (VCC – 2.5 V typical).
5, 6
DNC
Do Not Connect
9
AIN
Analog Input – Complementary
10
AIN
Analog Input – True
13
ENCODE
Encode clock for ADC. (ADC Samples on Rising Edge of ENCODE.)
14
OR
Out-of-Range Output. Goes HIGH when the converted sample is more positive than
3FFH or more negative than 000H (offset binary coding).
15–19, 24–28
D9–D0
Digital outputs of ADC. D9 is the MSB. Data is offset binary.
20, 22
VDD
Digital Output Power Supply. User selectable range from 3 V to 5 V.
PIN CONFIGURATION
14
13
12
11
10
9
8
2
3
4
7
6
5
1
TOP VIEW
(Not to Scale)
17
16
15
20
19
18
28
27
26
25
24
23
22
21
AD9071BR
D0
D1
D2
D3
D4
VDD
GND
VDD
GND
D5
D6
D7
D8
D9 (MSB)
VCC
GND
VREF OUT
VREF IN
NC
NC
VCC
GND
AIN
AIN
GND
VCC
ENCODE
OR
NC = NO CONNECT
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9071BR
–40
°C to +85°C
28-Lead Wide Body (SOIC)
R-28
AD9071/PCB
25
°C
Evaluation Board


Podobny numer części - AD9071_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9071/PCB AD-AD9071/PCB Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9071BR AD-AD9071BR Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
More results

Podobny opis - AD9071_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com