Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9071 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9071
Szczegółowy opis  10-Bit, 100 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9071 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9071_15 Datasheet HTML 1Page - Analog Devices AD9071_15 Datasheet HTML 2Page - Analog Devices AD9071_15 Datasheet HTML 3Page - Analog Devices AD9071_15 Datasheet HTML 4Page - Analog Devices AD9071_15 Datasheet HTML 5Page - Analog Devices AD9071_15 Datasheet HTML 6Page - Analog Devices AD9071_15 Datasheet HTML 7Page - Analog Devices AD9071_15 Datasheet HTML 8Page - Analog Devices AD9071_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9071
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
10-Bit, 100 MSPS
A/D Converter
FUNCTIONAL BLOCK DIAGRAM
T/H
DAC
ADC
VREF
IN
VCC – 2.5V
VREF
OUT
ADC
SUM
AMP
TIMING
AIN
ENCODE
AIN
AD9071
ENCODE
LOGIC
10
VCC
GND
VDD
D0–D9
OR
FEATURES
10-Bit, 100 MSPS ADC
Low Power: 450 mW at 100 MSPS
On-Chip Track/Hold
280 MHz Analog Bandwidth
SINAD = 54 dB @ 41 MHz
On-Chip Reference
1 V p-p Analog Input Range
Single 5 V Supply Operation
5 V/3.3 V Outputs
APPLICATIONS
Digital Communications
Signal Intelligence
Digital Oscilloscopes
Spectrum Analyzers
Medical Imaging
Sonar
HDTV
GENERAL DESCRIPTION
The AD9071 is a monolithic sampling analog-to-digital con-
verter with an on-chip track-and-hold circuit and TTL/CMOS
digital interfaces. The product operates at a 100 MSPS conver-
sion rate with outstanding dynamic performance over its full
operating range.
The ADC requires only a single 5 V supply and an encode
clock for full performance operation. The digital outputs are
TTL compatible. Separate output power supply pins support
interfacing with 3.3 V or 5 V logic. An out-of-range output
(OR) is available that indicates a conversion result is outside
the operating range. The output data are held at saturation
levels during an out-of-range condition.
The input amplifier supports differential or single-ended inter-
faces. An internal reference is included.
Fabricated on an advanced BiCMOS process, the AD9071 is
available in a plastic SOIC package specified over the industrial
temperature range (–40
°C to +85°C).


Podobny numer części - AD9071_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9071/PCB AD-AD9071/PCB Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9071BR AD-AD9071BR Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
More results

Podobny opis - AD9071_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com