Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9071 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD9071
Szczegółowy opis  10-Bit, 100 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9071 Arkusz danych(HTML) 2 Page - Analog Devices

  AD9071_15 Datasheet HTML 1Page - Analog Devices AD9071_15 Datasheet HTML 2Page - Analog Devices AD9071_15 Datasheet HTML 3Page - Analog Devices AD9071_15 Datasheet HTML 4Page - Analog Devices AD9071_15 Datasheet HTML 5Page - Analog Devices AD9071_15 Datasheet HTML 6Page - Analog Devices AD9071_15 Datasheet HTML 7Page - Analog Devices AD9071_15 Datasheet HTML 8Page - Analog Devices AD9071_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. C
AD9071–SPECIFICATIONS
(VCC = 5 V, VDD = 3.3 V, Differential Analog Input, ENCODE = 100 MSPS unless
otherwise noted.)
Test
AD9071BR
Parameter
Temp
Level
Min
Typ
Max
Unit
RESOLUTION
1 0
Bits
DC ACCURACY
Differential Nonlinearity1
25
°CI
± 0.8
+1.5/–1.0
LSB
Full
VI
±1.0
+1.75/–1.0
LSB
Integral Nonlinearity
1
25
°CI
± 0.8
± 1.5
LSB
Full
VI
±1.25
±1.75
LSB
No Missing Codes
1
25
°C
I
Guaranteed
Gain Error
2
25
°CI
± 1
± 4% FS
Full
VI
±2
±8% FS
Gain Tempco
2
Full
V
150
ppm/
°C
ANALOG INPUT
Input Voltage Range
(With Respect to
AIN)
Full
V
±512
mV p-p
Common-Mode Voltage
Full
V
–2.5
± 0.2
V
Input Offset Voltage
25
°CI
± 4
± 18
mV
Full
VI
±5
±20
mV
Input Resistance
Full
VI
15
35
k
Input Capacitance
25
°CV
3
pF
Input Bias Current
25
°C
I
55
90
µA
Full
VI
65
115
µA
Analog Bandwidth, Full Power
25
°C
V
280
MHz
REFERENCE OUTPUT
Output Voltage
Full
VI
VCC – 2.6
VCC – 2.5
VCC – 2.4
V
Temperature Coefficient
Full
V
130
ppm/
°C
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
100
MSPS
Minimum Conversion Rate
Full
IV
40
MSPS
Encode Pulsewidth High (tEH)25
°C
IV
4.5
1 3
ns
Encode Pulsewidth Low (tEL)25
°C
IV
4.5
1 3
ns
Aperture Delay (tA)25
°C
V
1.1
ns
Aperture Uncertainty (Jitter)
25
°C
V
3.0
ps, rms
Output Valid Time (tV)
3
Full
VI
2.0
4.0
ns
Output Propagation Delay (tPD)
3
Full
VI
5.0
7.0
ns
Output Rise Time (tR)
Full
V
1.4
ns
Output Fall Time (tF)
Full
V
1.0
ns
DIGITAL INPUT
Logic “1” Voltage
Full
VI
2.0
V
Logic “0” Voltage
Full
VI
0.8
V
Logic “1” Current
Full
VI
±10
µA
Logic “0” Current
Full
VI
–500
µA
Input Capacitance
25
°CV
3
pF
DIGITAL OUTPUTS
Logic “1” Voltage
Full
VI
VDD – 0.5
V
Logic “0” Voltage
Full
VI
0.05
V
Output Coding
Offset Binary
POWER SUPPLY
VCC Supply Current (VCC = 5 V)
4
Full
VI
85
115
mA
VDD Supply Current (VDD = 3.3 V)
4
Full
VI
7.5
14
mA
Power Dissipation
4
Full
VI
450
620
mW
Power Supply Sensitivity
5
25
°C
I
0.002
0.010
V/V


Podobny numer części - AD9071_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9071/PCB AD-AD9071/PCB Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9071BR AD-AD9071BR Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
More results

Podobny opis - AD9071_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com