Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9071 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9071
Szczegółowy opis  10-Bit, 100 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9071 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9071_15 Datasheet HTML 1Page - Analog Devices AD9071_15 Datasheet HTML 2Page - Analog Devices AD9071_15 Datasheet HTML 3Page - Analog Devices AD9071_15 Datasheet HTML 4Page - Analog Devices AD9071_15 Datasheet HTML 5Page - Analog Devices AD9071_15 Datasheet HTML 6Page - Analog Devices AD9071_15 Datasheet HTML 7Page - Analog Devices AD9071_15 Datasheet HTML 8Page - Analog Devices AD9071_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. C
AD9071
Test
AD9071BR
Parameter
Temp
Level
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
6
Transient Response
25
°CV
4
ns
Overvoltage Recovery Time
25
°CV
5
ns
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 10.3 MHz
25
°C
I
54
56
dB
Full
V
55
dB
fIN = 41 MHz
25
°C
I
53
55
dB
Full
V
54
dB
Signal-to-Noise Ratio (SINAD)
(With Harmonics)
fIN = 10.3 MHz
25
°C
I
54
56
dB
Full
V
55
dB
fIN = 41 MHz
25
°C
I
52
54
dB
Full
V
53
dB
Effective Number of Bits
fIN = 10.3 MHz
25
°C
I
8.8
9.2
Bits
fIN = 41 MHz
25
°C
I
8.5
8.8
Bits
2nd Harmonic Distortion
fIN = 10.3 MHz
25
°C
I
63
75
dBc
fIN = 41 MHz
25
°C
I
60
66
dBc
3rd Harmonic Distortion
fIN = 10.3 MHz
25
°C
I
65
75
dBc
fIN = 41 MHz
25
°C
I
57
65
dBc
Two-Tone Intermodulation (IMD)
fIN = 10.3 MHz
25
°C
V
7 0
dBc
fIN = 41 MHz
25
°C
V
6 0
dBc
NOTES
1Differential and integral nonlinearity based on F
S = 80 MSPS.
2Gain error and gain temperature coefficient are based on the ADC only (with a fixed 2.5 V external reference).
3t
V and tPD are measured from the threshold crossing of the ENCODE input to the 50% levels of the digital outputs. The output ac load during test is 5 pF.
4Power dissipation is measured under the following conditions: F
S @ 100 MSPS, analog input is –1 dBFS at 10.3 MHz.
5A change in input offset voltage with respect to a change in V
CC.
6SNR/harmonics based on an analog input voltage of –1.0 dBFS referenced to a 1.024 V full-scale input range.
Typical thermal impedance for the R style (SOIC) 28-lead package:
θ
JC = 23
°C/W, θ
CA = 48
°C/W, θ
JA = 71
°C/W.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC to 0.0 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC to 0.0 V
VREF IN, VREF OUT . . . . . . . . . . . . . . . . . . . . VCC to 0.0 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 10 mA
Operating Temperature . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . 150
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may effect device reliability.
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II. 100% production tested at 25
°C and sample tested at
specified temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI. 100% production tested at 25
°C; guaranteed by design
and characterization testing for industrial temperature range.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9071 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Podobny numer części - AD9071_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9071/PCB AD-AD9071/PCB Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9071BR AD-AD9071BR Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
More results

Podobny opis - AD9071_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com