Zakładka z wyszukiwarką danych komponentów |
|
AD9100 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD9100 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 12 page 50 0 100 30 10 20 20 0 40 80 60 40 C – pF LOAD NO RS NEEDED WHEN CL IS LESS THAN 6pF RS CL 1k AD9100 Figure 4. Recommended RS vs. CLOAD for Optimal Settling Times 100ns/DIV 10ns TRACK HOLD TRACK 10ns Figure 7. Track-to-Hold-to-Track Switch Transients 58 50 DC 20 56 52 5 54 15 10 INPUT FREQUENCY – MHz AD9060 + AD9100 C HOLD = 10pF C HOLD = 22pF AIN = 3.5V p-p ENCODE = 20 MSPS AD9060 Figure 10. SNR vs. Analog Input 60 10 300 40 20 60 30 DC 50 240 180 120 INPUT FREQUENCY – MHz Figure 3. Power Supply Rejection Ratio vs. Frequency 50 0 +125 30 10 +25 20 –50 40 +75 0 TYPICAL WORST CASE TEMPERATURE – C Figure 6. Magnitude of Droop Rate vs. Temperature 27 AD9100 10 AIN CH* THE AD9060 IS A 10-BIT, 75MSPS MONOLITHIC ADC FROM ANALOG DEVICES. * THE AD9100XD (DIP) HAS AN INTERNAL 22pF HOLD CAPACITOR. AD9060 FFT PROC Figure 9. 1.0 10 20 0.1 0.01 12 16 18 14 ns VOUT = 2V STEP 0.001 Figure 12. Settling Tolerance vs. Acquisition Time 0 –10 –5 300 60 DC 240 180 120 INPUT FREQUENCY – MHz Figure 2. Gain vs. Frequency (Track Mode) –95 –70 20 –85 –75 4 –80 0 –90 16 12 8 INPUT FREQUENCY – MHz VO = 2V p-p ENCODE = 30 MSPS RL = 250 RL = 100 Figure 5. Worst Hold Mode Harmonic vs. Analog Input Frequency 58 43 DC 40 53 48 10 20 30 INPUT FREQUENCY – MHz C HOLD = 22pF AD9060 AIN = 3.5V p-p ENCODE = 40 MSPS AD9060 + AD9100 Figure 8. SNR vs. Analog Input 100 2 120 10 INPUT FREQUENCY – MHz 105 55 85 65 75 95 BEYOND CAPABILITY OF AVAILABLE MEASUREMENT TOOLS Figure 11. Feedthrough Rejection vs. Input Frequency Typical Performance Characteristics–AD9100 REV. B –5– |
Podobny numer części - AD9100_15 |
|
Podobny opis - AD9100_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |