Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9100 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9100
Szczegółowy opis  Ultrahigh Speed Monolithic Track-and-Hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9100 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9100_15 Datasheet HTML 4Page - Analog Devices AD9100_15 Datasheet HTML 5Page - Analog Devices AD9100_15 Datasheet HTML 6Page - Analog Devices AD9100_15 Datasheet HTML 7Page - Analog Devices AD9100_15 Datasheet HTML 8Page - Analog Devices AD9100_15 Datasheet HTML 9Page - Analog Devices AD9100_15 Datasheet HTML 10Page - Analog Devices AD9100_15 Datasheet HTML 11Page - Analog Devices AD9100_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD9100
REV. B
–10–
TIME – ns
0.025%
0.1%
0.025%
0.1%
10
040
30
20
CHOLD VOLTAGE
TRACK COMMAND
(NOT TO SCALE)
2V INPUT STEP
100
LOAD
MEASUREMENT
POINT
INPUT
BUFFER
VIN
CHOLD
+1V
–1V
REFERENCE
Figure 21. Acquisition Time
TIME – ns
0.025%
0.1%
0.025%
0.1%
10
040
30
20
TRACK COMMAND
(NOT TO SCALE)
2V INPUT STEP
100
LOAD
REFERENCE
OUTPUT
BUFFER
+1V
–1V
VOUT
RHOLD
MEASUREMENT
POINT
CHOLD
VOUT
Figure 22. Output Acquisition Time
9
7
6
58
4
3
2
0
120
60
100
80
20
40
VOUT = 2V p-p
RLOAD = 250
ENCODE = 30 MSPS
tTRACK = 20ns
tTRACK = 13.5ns
Figure 23. Frequency (500 kHz/Division) Analog Input =
540 kHz
95
8
47
6
3
2
0
120
60
100
80
20
40
VOUT = 2V p-p
RLOAD = 250
ENCODE = 30 MSPS
tTRACK = 20ns
tHOLD = 13.5ns
ALL HARMONICS
ARE ALIASED
Figure 24. Frequency (500 kHz/Division) Analog Input =
2.3 MHz


Podobny numer części - AD9100_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9100AD AD-AD9100AD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100JD AD-AD9100JD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100SD AD-AD9100SD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
More results

Podobny opis - AD9100_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9100 AD-AD9100 Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
HTC-0300A AD-HTC-0300A Datasheet
1Mb / 4P
   Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
logo
Burr-Brown (TI)
SHC605 BURR-BROWN-SHC605 Datasheet
200Kb / 15P
   High-Speed Operational TRACK-AND-HOLD AMPLIFIER
logo
API Technologies Corp
MN346 APITECH-MN346 Datasheet
818Kb / 4P
   High Speed Track-hold Amplifiers
logo
Integrated Circuit Syst...
MN346 ICST-MN346 Datasheet
813Kb / 4P
   High Speed Track-hold Amplifiers
logo
Analog Devices
HTS-0010 AD-HTS-0010_15 Datasheet
744Kb / 6P
   Ultra High Speed Hybrid Track and Hold Ampligiers
HTS-0025 AD-HTS-0025 Datasheet
1Mb / 6P
   Ultra High Speed Hybird Track-and Hold Amplifiers
HTS-0025 AD-HTS-0025_15 Datasheet
1Mb / 6P
   Ultra High Speed Hybrid Track and Hold Amplifiers
HTS-0010 AD-HTS-0010 Datasheet
739Kb / 6P
   Ultra High Speed Hybird Track-and Hold Amplifiers
logo
List of Unclassifed Man...
MN374 ETC1-MN374 Datasheet
472Kb / 5P
   HIGH-SPEED HIGH-RESOLUTION TRACK-HOLD AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com