Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9101 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD9101
Szczegółowy opis  125 MSPS Monolithic Sampling Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9101 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD9101_15 Datasheet HTML 4Page - Analog Devices AD9101_15 Datasheet HTML 5Page - Analog Devices AD9101_15 Datasheet HTML 6Page - Analog Devices AD9101_15 Datasheet HTML 7Page - Analog Devices AD9101_15 Datasheet HTML 8Page - Analog Devices AD9101_15 Datasheet HTML 9Page - Analog Devices AD9101_15 Datasheet HTML 10Page - Analog Devices AD9101_15 Datasheet HTML 11Page - Analog Devices AD9101_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD9101
–9–
REV. 0
+5V
AD9101
EVALUATION
BOARD
J2
CLOCK IN
C3
C5
C7R5
R7
H1
H4
J1
VIN
U1
H2
GND
–5.2V
H3
C2
C6
R4 C4
C9
R3
C1
OUT
R2
J3
VOUT
R1
C9
3.0 (76.2)
AD9101 Layout
Component Side
Ground Plane Bottom
V
OUT
–5.2 V
C3
C4
C1
1
2
3
4
5
6
7
8
9
10
C7
C8
20
19
18
17
16
15
14
13
12
11
+V
S
C2
10
µF
+
C6
10
µF
+
R2
51
AD96685BR
+
3
4
6
R3
51
CLOCK
INPUT
11
12
Q
Q
LE
R6,160
R7, 270
R4,160
R5, 270
U1
J2
J1
27
R1
GND
GND
GND
CLK
AD9101
C
B–
NC
CLK
RTN
RTN
C
B+
–V
S
V
OUT
–V
S
–V
S
–V
S
–V
S
V
IN
+V
S
+V
S
+V
S
+V
S
V
IN
NOTES
1. ALL CAPACITORS ARE 0.01 F UNLESS OTHERWISE
DESIGNATED. SURFACE-MOUNT CAPS PREFERRED.
2. R1 SHOULD BE SELECTED BASED ON CL AND MAY BE
SHORTED FOR CAPACITIVE LOADS OF LESS THAN 6 pF.
3. C1 SHOULD A LOW INDUCTANCE 0.01 F WITH
CIRCUIT LEADS AS SHORT AS POSSIBLE.
4. PINOUTS FOR AD9101 AND AD96685 ARE FOR SOIC.
Evaluation Circuit
EVALUATION BOARD ORDERING GUIDE
Part Number
Description
AD9101/PCB
Fully Populated and Tested Evaluation Board
AD9101/PWB
Printed Circuit Board without Components


Podobny numer części - AD9101_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9101AE AD-AD9101AE Datasheet
247Kb / 12P
   125 MSPS Monolithic Sampling Amplifier
REV. 0
AD9101AR AD-AD9101AR Datasheet
247Kb / 12P
   125 MSPS Monolithic Sampling Amplifier
REV. 0
AD9101SE AD-AD9101SE Datasheet
247Kb / 12P
   125 MSPS Monolithic Sampling Amplifier
REV. 0
More results

Podobny opis - AD9101_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9101 AD-AD9101 Datasheet
247Kb / 12P
   125 MSPS Monolithic Sampling Amplifier
REV. 0
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
   14-Bit, 105/125 MSPS, IF Sampling ADC
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9445 AD-AD9445 Datasheet
965Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
logo
Fairchild Semiconductor
SPT9101 FAIRCHILD-SPT9101 Datasheet
58Kb / 8P
   125 MSPS SAMPLE-AND-HOLD AMPLIFIER
logo
Cadeka Microcircuits LL...
SPT9101 CADEKA-SPT9101 Datasheet
180Kb / 8P
   125 MSPS SAMPLE-AND-HOLD AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com