Zakładka z wyszukiwarką danych komponentów |
|
AD9101 Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD9101 Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 12 page REV. 0 –2– AD9101–SPECIFICATIONS ELECTRICAL CHARACTERISTICS (+V S = +5 V, –VS = –5.2 V, RLOAD = 100 , RlN = 50 unless otherwise noted) Test AD9101 Parameter Conditions Temp Level Min Typ Max Units DC ACCURACY Gain ∆V IN = 0.5 V 25 °C I 3.93 4 4.07 V/V ∆V IN = 0.5 V Full VI 3.9 4.1 V/V Offset VIN = 0 V 25 °CI ±3 ±10 mV VIN = 0 V Full VI ±15 mV Output Resistance 25 °C V 0.4 Ω Output Drive Capability Full VI ±60 ±70 mA PSRR ∆V S = 0.5 V p-p 25 °CVI 37 43 dB Pedestal Sensitivity to Positive Supply ∆V S = 0.5 V p-p Full V 4 mV/V Pedestal Sensitivity to Negative Supply ∆V S = 0.5 V p-p Full V 8 mV/V ANALOG INPUT/OUTPUT Output Voltage Range Full VI ±2.4 ±2.7 V Input Bias Current 25 °CI ±5 ±15 µA Full VI ±20 µA Input Capacitance 25 °CV 2 pF Input Resistance 25 °C–T MAX VI 30 125 k Ω TMIN VI 25 k Ω CLOCK/CLOCK INPUTS Input Bias Current CL/CL = –1.0 V Full VI 3 3.6 mA Input Low Voltage (VIL) 1 VIN = 0.5 V p-p Full VI –1.8 –1.5 V Input High Voltage (VIH) 1 VIN = 0.5 V p-p Full VI –1.0 –0.8 V TRACK MODE DYNAMICS Bandwidth (–3 dB) VOUT = 1 V p-p Full IV 160 250 MHz Slew Rate 4 Volt Output Step Full IV 1300 1800 V/ µs Overdrive Recovery Time 2 (to 0.1%) VIN = ±1 V to 0 V 25 °CV 55 ns Integrated Output Noise (5 MHz–200 MHz) 25 °C V 210 µV Input RMS Spectral Noise @ 10 MHz 25 °C V 3.3 µV/√Hz HOLD MODE DYNAMICS Worst Harmonic (23 MHz, 50 MSPS) VOUT = 2 V p-p 25 °C V –75 dBFS Worst Harmonic (48 MHz, 100 MSPS) VOUT = 2 V p-p 25 °C IV –62 –57 dBFS Worst Harmonic (48 MHz, 100 MSPS) VOUT = 2 V p-p Full (Ind.) IV –53 dBFS Worst Harmonic (48 MHz, 100 MSPS) VOUT = 2 V p-p Full (Mil.) IV –51 dBFS Worst Harmonic (48 MHz, 125 MSPS) VOUT = 2 V p-p 25 °C V –57 dBFS Sampling Bandwidth (–3 dB) 3 VIN = 0.5 V p-p 25 °C V 350 MHz Hold Noise 4 (RMS) Full V 150 × t H mV/s Droop Rate 25 °CI ±5 ±18 mV/ µs Full VI ±40 mV/ µs Feedthrough Rejection (50 MHz) VOUT = 2 V p-p Full V –66 dB TRACK-TO-HOLD SWITCHING Aperture Delay 25 °C V –250 ps Aperture Jitter 25 °C V <1 ps rms Pedestal Offset VIN = 0 V 25 °CI ±5 ±20 mV VIN = 0 V Full VI ±35 mV Transient Amplitude VIN = 0 V Full V 8 mV Settling Time to 4 mV VIN = 0 V Full V 4 ns Glitch Product 5 VIN = 0 V 25 °C V 20 pV-s HOLD-TO-TRACK SWITCHING Acquisition Time to 0.1% 2 V Output Step 25 °CV 7 ns Acquisition Time to 0.01% 2 V Output Step 25 °CIV 11 14 ns 2 V Output Step Full IV 16 ns POWER SUPPLY +VS Current Full VI 55 70 mA –VS Current Full VI 59 73 mA Power Dissipation Full VI 570 715 mW |
Podobny numer części - AD9101_15 |
|
Podobny opis - AD9101_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |