Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9200 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9200
Szczegółowy opis  Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9200 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9200_15 Datasheet HTML 1Page - Analog Devices AD9200_15 Datasheet HTML 2Page - Analog Devices AD9200_15 Datasheet HTML 3Page - Analog Devices AD9200_15 Datasheet HTML 4Page - Analog Devices AD9200_15 Datasheet HTML 5Page - Analog Devices AD9200_15 Datasheet HTML 6Page - Analog Devices AD9200_15 Datasheet HTML 7Page - Analog Devices AD9200_15 Datasheet HTML 8Page - Analog Devices AD9200_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Parameter
Symbol
Min
Typ
Max
Units
Condition
DIGITAL INPUTS
High Input Voltage
VIH
2.4
V
Low Input Voltage
VIL
0.3
V
DIGITAL OUTPUTS
High-Z Leakage
IOZ
–10
+10
µA
Output = GND to VDD
Data Valid Delay
tOD
25
ns
CL = 20 pF
Data Enable Delay
tDEN
25
ns
Data High-Z Delay
tDHZ
13
ns
LOGIC OUTPUT (with DRVDD = 3 V)
High Level Output Voltage (IOH = 50 µA)
VOH
+2.95
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.80
V
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V
Low Level Output Voltage (IOL = 50 µA)
VOL
+0.05
V
LOGIC OUTPUT (with DRVDD = 5 V)
High Level Output Voltage (IOH = 50 µA)
VOH
+4.5
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.4
V
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V
Low Level Output Voltage (IOL = 50 µA)
VOL
+0.1
V
CLOCKING
Clock Pulsewidth High
tCH
22.5
ns
Clock Pulsewidth Low
tCL
22.5
ns
Pipeline Latency
3
Cycles
CLAMP
2
Clamp Error Voltage
EOC
±20
±40
mV
CLAMPIN = 0.5 V–2.7 V, RIN = 10 Ω
Clamp Pulsewidth
tCPW
2
µsC
IN = 1 µF (Period = 63.5 µs)
NOTES
1See Figures 1a and 1b.
2Available only in AD9200ARS and AD9200KST.
Specifications subject to change without notice.
AD9200
REFTS
REFBS
MODE
AVDD
10k
10k
0.4
VDD
AD9200
REFTS
REFBF
MODE
REFTF
REFBS
4.2k
Figure 1a.
Figure 1b.
AD9200
–3–
REV. E


Podobny numer części - AD9200_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9200 AD-AD9200_17 Datasheet
374Kb / 25P
   CMOS A/D Converter
More results

Podobny opis - AD9200_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280_15 Datasheet
365Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. E
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280 Datasheet
366Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. D
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com