Zakładka z wyszukiwarką danych komponentów |
|
AD9203 Arkusz danych(PDF) 4 Page - Analog Devices |
|
AD9203 Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 28 page AD9203 Rev. B | Page 4 of 28 Parameter Symbol Min Typ Max Unit Conditions Two-Tone Intermodulation Distortion IMD 68 dB f = 44.49 MHz and 45.52 MHz Differential Phase DP 0.2 Degree NTSC 40 IRE Ramp Differential Gain DG 0.3 % DIGITAL INPUTS High Input Voltage VIH 2.0 V Low Input Voltage VIL 0.4 V Clock Pulse Width High 11.25 ns Clock Pulse Width Low 11.25 ns Clock Period2 25 ns DIGITAL OUTPUTS High-Z Leakage IOZ ± 5.0 µA Output = 0 to DRVDD Data Valid Delay tOD 5 ns CL= 20 pF Data Enable Delay tDEN 6 ns CL= 20 pF Data High-Z Delay tDHZ 6 ns CL= 20 pF LOGIC OUTPUT (with DRVDD = 3 V) High Level Output Voltage (IOH = 50 µA) VOH 2.95 V High Level Output Voltage (IOH = 0.5 mA) VOH 2.80 V Low Level Output Voltage (IOL= 1.6 mA) VOL 0.3 V Low Level Output Voltage (IOL= 50 µA) VOL 0.05 V 1 Differential Input (2 V p-p). 2 The AD9203 will convert at clock rates as low as 20 kHz. N N+1 N–1 N+2 N+3 N+4 N+5 N+6 ANALOG INPUT DATA OUT N–7 N–6 N–5 N–4 TOD = 3ns MIN 7ns MAX (CLOAD = 20pF) N–3 N–2 N–1 N N+1 CLOCK Figure 2. Timing Diagram |
Podobny numer części - AD9203_15 |
|
Podobny opis - AD9203_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |