Zakładka z wyszukiwarką danych komponentów |
|
AD9203 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD9203 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 28 page AD9203 Rev. B | Page 5 of 28 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter With Respect to Min Max Unit AVDD AVSS –0.3 +3.9 V DRVDD DRVSS –0.3 +3.9 V AVSS DRVSS –0.3 +0.3 V AVDD DRVDD –3.9 +3.9 V REFCOM AVSS –0.3 +0.3 V CLK AVSS –0.3 AVDD + 0.3 V Digital Outputs DRVSS –0.3 DRVDD + 0.3 V AINP AINN AVSS –0.3 AVDD + 0.3 V VREF AVSS –0.3 AVDD + 0.3 V REFSENSE AVSS –0.3 AVDD + 0.3 V REFTF, REFBF AVSS –0.3 AVDD + 0.3 V STBY AVSS –0.3 AVDD + 0.3 V CLAMP AVSS –0.3 AVDD + 0.3 V CLAMPIN AVSS –0.3 AVDD + 0.3 V PWRCON AVSS –0.3 AVDD + 0.3 V DFS AVSS –0.3 AVDD + 0.3 V 3-STATE AVSS –0.3 AVDD + 0.3 V Junction Temperature 150 °C Storage Temperature –65 +150 °C Lead Temperature (10 s) 300 °C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability. THERMAL CHARACTERISTICS 28-Lead TSSOP JA = 97.9°C/W JC = 14.0°C/W ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Podobny numer części - AD9203_15 |
|
Podobny opis - AD9203_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |