Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD10201 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD10201
Szczegółowy opis  Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD10201 Arkusz danych(HTML) 2 Page - Analog Devices

  AD10201_15 Datasheet HTML 1Page - Analog Devices AD10201_15 Datasheet HTML 2Page - Analog Devices AD10201_15 Datasheet HTML 3Page - Analog Devices AD10201_15 Datasheet HTML 4Page - Analog Devices AD10201_15 Datasheet HTML 5Page - Analog Devices AD10201_15 Datasheet HTML 6Page - Analog Devices AD10201_15 Datasheet HTML 7Page - Analog Devices AD10201_15 Datasheet HTML 8Page - Analog Devices AD10201_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD10201–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS1
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
RESOLUTION
12
Bits
DC ACCURACY
Differential Nonlinearity
Full
IV
–0.99
±0.5
+0.99
LSB
Integral Nonlinearity
Full
IV
±1.5
±0.1
+1.5
LSB
No Missing Codes
Full
IV
Guaranteed
Gain Error
2
25
°CI
–9
±2+9
% FS
Output Offset
25
°CI
–8
±2+8
LSB
Gain Tempco
Full
V
60
ppm/
°C
Offset Tempco
Full
V
–12
ppm/
°C
ANALOG INPUT
Input Voltage Range
25
°CV
1.75
V p-p
Input Impedance
25
°CV
50
Input VSWR
3
Full
V
1.05:1
Ratio
Analog Input Bandwidth, High
Full
V
250
MHz
Analog Input Bandwidth, Low
Full
V
300
kHz
ANALOG REFERENCE
Output Voltage
25
°CV
2.5
V
Load Current
25
°CV
5
mA
Tempco
Full
V
50
ppm/
°C
SWITCHING PERFORMANCE
4
Maximum Conversion Rate
Full
VI
105
MSPS
Minimum Conversion Rate
Full
IV
10
MSPS
Duty Cycle
Full
IV
45
50
55
%
Aperture Delay (tA)25
°CV
2.0
ns
Aperture Uncertainty (Jitter)
25
°CV
0.25
ps rms
Output Valid Time (tV)
5
Full
IV
3.0
6.3
ns
Output Propagation Delay (tPD)
5
Full
IV
6.5
9.0
ns
Output Rise Time (tR)25
°CV
3.5
ns
Output Fall Time (tF)25
°CV
3.3
ns
DIGITAL INPUTS
ENCODE Input Common-Mode
Full
IV
1.2
1.6
2.0
V
Differential Input (ENC,
ENC)
Full
IV
0.4
5.0
V
Logic “1” Voltage
Full
IV
2.0
V
Logic “0” Voltage
Full
IV
0.8
V
Input Resistance
Full
IV
3
5
8.0
k
Input Capacitance
25
°CV
4.5
pF
DIGITAL OUTPUTS
Logic “1” Voltage
5
Full
IV
3.1
3.3
V
Logic “0” Voltage5
Full
IV
0
0.2
V
Output Coding
Two’s Complement
POWER SUPPLY
6
Power Dissipation
7
Full
VI
1800
2200
mW
Power Supply Rejection Ratio
Full
IV
–5.0
±0.5
+5.0
mV/V
Total I (DVDD) Current
Full
VI
32
40
mA
Total I (AVCC) Current
Full
VI
340
410
mA
(VDD = 3.3 V, VCC = 5.0 V; ENCODE = 105 MSPS, unless otherwise noted.)


Podobny numer części - AD10201_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD10201/PCB AD-AD10201/PCB Datasheet
762Kb / 20P
   DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
REV. 0
AD10201AB AD-AD10201AB Datasheet
762Kb / 20P
   DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
REV. 0
AD10201PCB AD-AD10201PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Podobny opis - AD10201_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
AD10200 AD-AD10200_15 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling
REV. A
AD10226 AD-AD10226 Datasheet
976Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV. 0
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
[Old version datasheet]   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
National Semiconductor ...
ADC12DL080 NSC-ADC12DL080 Datasheet
1Mb / 24P
   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com