Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9883A Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9883A
Szczegółowy opis  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9883A Arkusz danych(HTML) 3 Page - Analog Devices

  AD9883A_15 Datasheet HTML 1Page - Analog Devices AD9883A_15 Datasheet HTML 2Page - Analog Devices AD9883A_15 Datasheet HTML 3Page - Analog Devices AD9883A_15 Datasheet HTML 4Page - Analog Devices AD9883A_15 Datasheet HTML 5Page - Analog Devices AD9883A_15 Datasheet HTML 6Page - Analog Devices AD9883A_15 Datasheet HTML 7Page - Analog Devices AD9883A_15 Datasheet HTML 8Page - Analog Devices AD9883A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. B
–3–
AD9883A
Test
AD9883AKST-110
AD9883AKST-140
Parameter
Temp Level
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
VD – 0.1
VD – 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.1
0.1
V
Duty Cycle DATACK
Full
IV
45
50
55
45
50
55
%
Output Coding
Binary
Binary
POWER SUPPLY
VD Supply Voltage
Full
IV
3.0
3.3
3.6
3.15
3.3
3.6
V
VDD Supply Voltage
Full
IV
2.2
3.3
3.6
2.2
3.3
3.6
V
PVD Supply Voltage
Full
IV
3.0
3.3
3.6
3.0
3.3
3.6
V
ID Supply Current (VD)25
°CV
132
180
mA
IDD Supply Current (VDD)
2
25
°CV
19
26
mA
IPVD Supply Current (PVD)25
°CV
8
11
mA
Total Power Dissipation
Full
VI
525
650
650
800
mW
Power-Down Supply Current
Full
VI
5
10
5
10
mA
Power-Down Dissipation
Full
VI
16.5
33
16.5
33
mW
DYNAMIC PERFORMANCE
Analog Bandwidth, Full Power
25
°CV
300
300
MHz
Transient Response
25
°CV
2
2
ns
Overvoltage Recovery Time
25
°CV
1.5
1.5
ns
Signal-to-Noise Ratio (SNR)
25
°CV
44
43
dB
(Without Harmonics)
Full
V
43
42
dB
fIN = 40.7 MHz
Crosstalk
Full
V
55
55
dBc
THERMAL CHARACTERISTICS
θJC Junction-to-Case
Thermal Resistance
V
16
16
°C/W
θ
JA Junction-to-Ambient
Thermal Resistance
V
35
35
°C/W
NOTES
1VCO Range = 10, Charge Pump Current = 110, PLL Divider = 1693.
2DATACK Load = 15 pF, Data Load = 5 pF.
Specifications subject to change without notice.


Podobny numer części - AD9883A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9883A/PCB AD-AD9883A/PCB Datasheet
229Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9883ABST-110 AD-AD9883ABST-110 Datasheet
229Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9883ABST-140 AD-AD9883ABST-140 Datasheet
229Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9883ABST-RL110 AD-AD9883ABST-RL110 Datasheet
229Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9883ABST-RL140 AD-AD9883ABST-RL140 Datasheet
229Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
More results

Podobny opis - AD9883A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9883A AD-AD9883A Datasheet
229Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9985 AD-AD9985_15 Datasheet
355Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985 AD-AD9985 Datasheet
349Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884A AD-AD9884A Datasheet
186Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. B
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888_15 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com