Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9888 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9888
Szczegółowy opis  100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9888 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9888_15 Datasheet HTML 1Page - Analog Devices AD9888_15 Datasheet HTML 2Page - Analog Devices AD9888_15 Datasheet HTML 3Page - Analog Devices AD9888_15 Datasheet HTML 4Page - Analog Devices AD9888_15 Datasheet HTML 5Page - Analog Devices AD9888_15 Datasheet HTML 6Page - Analog Devices AD9888_15 Datasheet HTML 7Page - Analog Devices AD9888_15 Datasheet HTML 8Page - Analog Devices AD9888_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
AD9888
Rev. C | Page 5 of 36
AD9888KSZ-100/-1401
AD9888KSZ-170
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL INPUTS
Full
Input Voltage, High (VIH)
Full
VI
2.5
2.5
V
Input Voltage, Low (VIL)
Full
VI
0.8
0.8
V
Input Current, High (IIH)
Full
IV
−1.0
−1.0
μA
Input Current, Low (IIL)
Full
IV
+1.0
+1.0
μA
Input Capacitance
25°C
V
3
3
pF
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
VD − 0.1
VD − 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.1
V
Duty Cycle
Full
DATACK, DATACK
Full
IV
44
49
55
44
49
55
%
Output Coding
Full
IV
Binary
Binary
POWER SUPPLY
Analog Power Supply Voltage (VD)
Full
IV
3.0
3.3
3.6
3.0
3.3
3.6
V
Output Power Supply Voltage (VDD)
Full
IV
2.2
3.3
3.6
2.2
3.3
3.6
V
PLL Power Supply Voltage (PVD)
Full
IV
3.0
3.3
3.6
3.0
3.3
3.6
V
Analog Power Supply Current (ID)
25°C
200
215
mA
Output Power Supply Current (IDD)4
25°C
50
55
mA
PLL Power Supply Current (IPVD)
25°C
8
9
mA
Total Power Dissipation
Full
VI
850
1050
920
1150
mW
Power-Down Supply Current
Full
VI
12
20
12
20
mA
Power-Down Dissipation
Full
VI
40
66
40
66
mW
DYNAMIC PERFORMANCE
Analog Bandwidth, Full Power5
25°C
V
500
500
MHz
Transient Response
25°C
V
2
2
ns
Overvoltage Recovery Time
25°C
V
1.5
1.5
ns
Signal-to-Noise Ratio (SNR)6
25°C
IV
42
45
41
44
dB
Without Harmonics, fIN = 40.7 MHz
Full
V
44
43
dB
Crosstalk
Full
V
50
50
dBc
THERMAL CHARACTERISTICS
Junction-to-Case Thermal
Resistance (θJC)
V
8.4
8.4
°C/W
Junction-to-Ambient Thermal
Resistance (θJA)
V
35
35
°C/W
1 AD9888JS-100 specifications are tested at 100 MHz. AD9888KS-140 specifications are tested at 140 MHz.
2 See Figure 2.
3 The maximum specifications for the AD9888KS-100 and AD9888KS-140 were obtained with VCO range = 10, charge pump current = 100, PLL divider = 1693. The
maximum specifications for the AD9888KS-170 were obtained with VCO range = 11, charge pump current = 100, PLL divider = 2159.
4 DEMUX = 1, DATACK and DATACK load = 15 pF, data load = 5 pF.
5 Maximum bandwidth setting. Bandwidth can also be programmed to 300 MHz, 150 MHz, or 75 MHz.
6 Using an external pixel clock.
tSTAH
tDHO
tDSU
tSTASU
tSTOSU
SCL
SDA
tBUFF
tDAL
tDAH
Figure 2. Serial Port Read/Write Timing


Podobny numer części - AD9888_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9888 AD-AD9888_11 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
More results

Podobny opis - AD9888_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9888 AD-AD9888_11 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884A AD-AD9884A Datasheet
186Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. B
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888 Datasheet
249Kb / 32P
   100/140/170/205 MSPS Analog Flat Panel Interface
REV. A
AD9883A AD-AD9883A Datasheet
229Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9985 AD-AD9985_15 Datasheet
355Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985 AD-AD9985 Datasheet
349Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com