Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9889 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9889
Szczegółowy opis  High Performance HDMI/DVI Transmitter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9889 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9889_15 Datasheet HTML 4Page - Analog Devices AD9889_15 Datasheet HTML 5Page - Analog Devices AD9889_15 Datasheet HTML 6Page - Analog Devices AD9889_15 Datasheet HTML 7Page - Analog Devices AD9889_15 Datasheet HTML 8Page - Analog Devices AD9889_15 Datasheet HTML 9Page - Analog Devices AD9889_15 Datasheet HTML 10Page - Analog Devices AD9889_15 Datasheet HTML 11Page - Analog Devices AD9889_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
AD9889
Rev. 0 | Page 8 of 48
Pin Mnemonic
Description
POWER SUPPLY
DVDD
Main Power Supply. These pins supply power to the main elements of the circuit. They should be filtered and as
quiet as possible.
AVDD
Output Power Supply
PVDD
Clock Generator Power Supply. The most sensitive portion of the AD9889 is the clock generation circuitry. These
pins provide power to the clock PLL (phase-locked loop) and help the user design for optimal performance. The
designer should provide quiet, noise-free power to these pins.
GND
Ground. The ground return for all circuitry on-chip. It is recommended that the AD9889 be assembled on a single
solid ground plane, with careful attention given to ground current paths.
I2C ADDRESSES
The SDA/SCL programming address is 0x72 or 0x7A based on whether A0 is pulled high (10 kΩ resistor = 0x7A) or pulled low (10 kΩ
resistor = 0x72).
The MDA/MCL EEPROM address is 0xA0.
The EDID EEPROM on the receiver is expected to have an address of 0xA0.
LIST OF REFERENCE DOCUMENTS
Table 6.
Document
Description
EIA/CEA-861B
Describes audio and video infoframes as well as the E-EDID structure for HDMI.
HDMI V1.1
Defining document for HDMI Version 1.1. Can be located at www.hdmi.org.
HDCPv1.0
Defining document for HDCP Version 1.1. Can be located at www.digital-cp.com.
ITU-R BT.656-3
Defining document for BT656.
FORMAT STANDARDS
In this document, data is represented in a variety of ways.
Table 7.
Data Type
Format
0xNN
Hexadecimal (base-16) numbers are represented using the C language notation, preceded by 0x.
0bNN
Binary (base-2) numbers are represented using the C language notation, preceded by 0b.
NN
Decimal (base-10) numbers are represented using no additional prefixes or suffixes.
Bit
Bits are numbered in little-endian format, that is, the least significant bit (LSB) of a byte or word is referred to as Bit 0.


Podobny numer części - AD9889_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889ABBCZ-80 AD-AD9889ABBCZ-80 Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889ABBCZRL-80 AD-AD9889ABBCZRL-80 Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
More results

Podobny opis - AD9889_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9389B AD-AD9389B_15 Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889 AD-AD9889 Datasheet
2Mb / 48P
   HIGH PERFORMANCE HDMI-TM / DVI TRANSMITTER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com