Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9898 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9898
Szczegółowy opis  CCD Signal Processor with Precision Timing Generator
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9898 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9898_15 Datasheet HTML 1Page - Analog Devices AD9898_15 Datasheet HTML 2Page - Analog Devices AD9898_15 Datasheet HTML 3Page - Analog Devices AD9898_15 Datasheet HTML 4Page - Analog Devices AD9898_15 Datasheet HTML 5Page - Analog Devices AD9898_15 Datasheet HTML 6Page - Analog Devices AD9898_15 Datasheet HTML 7Page - Analog Devices AD9898_15 Datasheet HTML 8Page - Analog Devices AD9898_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
REV. 0
AD9898
–5–
TIMING SPECIFICATIONS (C
L = 20 pF, AVDD = DVDD = DRVDD = 3.0 V, fCLI = 20 MHz, unless otherwise noted.)
Parameter
Symbol
Min
Typ
Max
Unit
MASTER CLOCK, CLI
CLI Clock Period
tCONV
50
ns
CLI High/Low Pulsewidth
20
25
ns
Delay from CLI Rising Edge to Internal Pixel Position 0
tCLIDLY
6ns
AFE CLAMP PULSES
*
CLPOB Pulsewidth
4
10
Pixels
AFE SAMPLE LOCATION
* (See Figure 13)
SHP Sample Edge to SHD Sample Edge
tS1
20
25
Pixels
DATA OUTPUTS (See Figure 15)
Output Delay from DCLK Rising Edge
tOD
9ns
Pipeline Delay from SHP/SHD Sampling
9
Cycles
SERIAL INTERFACE (See Figures 7 and 8)
Maximum SCK Frequency
fSCLK
10
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
SCK Falling Edge to SDATA Valid Read
tDV
10
ns
*Parameter is programmable.
Specifications subject to change without notice.


Podobny numer części - AD9898_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9898KCP-20 AD-AD9898KCP-20 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9898KCPRL-20 AD-AD9898KCPRL-20 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
More results

Podobny opis - AD9898_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9970 AD-AD9970 Datasheet
66Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpA
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com