Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9929 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9929
Szczegółowy opis  CCD Signal Processor with Precision Timing Generator
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9929 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9929_15 Datasheet HTML 4Page - Analog Devices AD9929_15 Datasheet HTML 5Page - Analog Devices AD9929_15 Datasheet HTML 6Page - Analog Devices AD9929_15 Datasheet HTML 7Page - Analog Devices AD9929_15 Datasheet HTML 8Page - Analog Devices AD9929_15 Datasheet HTML 9Page - Analog Devices AD9929_15 Datasheet HTML 10Page - Analog Devices AD9929_15 Datasheet HTML 11Page - Analog Devices AD9929_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
AD9929
Rev. A | Page 8 of 64
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
With Respect To
Min
Max
Unit
VDD
VDVSS
VDVSS − 0.3
VDVSS + 4.0
V
VL
VDVSS
VDVSS − 10.0
VDVSS + 0.3
V
VH1, VH2
VDVSS
VL –0.3
VL + 27.0
V
VM1, VM2
VDVSS
VL – 0.3
VL + 27.0
V
AVDD
AVSS
−0.3
+3.9
V
TCVDD
TCVSS
−0.3
+3.9
V
HVDD
HVSS
−0.3
+3.9
V
RGVDD
RGVSS
−0.3
+3.9
V
DVDD
DVSS
−0.3
+3.9
V
DRVDD
DRVSS
−0.3
+3.9
V
RG Output
RGVSS
−0.3
RGVDD + 0.3
V
H1 to H2 Output
HVSS
−0.3
HVDD + 0.3
V
Digital Outputs
DVSS
−0.3
DVDD + 0.3
V
Digital Inputs
DVSS
−0.3
DVDD + 0.3
V
SCK, SL, SDATA
DVSS
−0.3
DVDD + 0.3
V
REFT, REFB
AVSS
−0.3
AVDD + 0.3
V
CCDIN
AVSS
−0.3
AVDD + 0.3
V
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Package Thermal Resistance
θJA = 61.0 °C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulates on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - AD9929_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9929BBCZ AD-AD9929BBCZ Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
More results

Podobny opis - AD9929_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9970 AD-AD9970 Datasheet
66Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpA
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com