Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9956 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9956
Szczegółowy opis  2.7 GHz DDS-Based AgileRF Synthesizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9956 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9956_15 Datasheet HTML 1Page - Analog Devices AD9956_15 Datasheet HTML 2Page - Analog Devices AD9956_15 Datasheet HTML 3Page - Analog Devices AD9956_15 Datasheet HTML 4Page - Analog Devices AD9956_15 Datasheet HTML 5Page - Analog Devices AD9956_15 Datasheet HTML 6Page - Analog Devices AD9956_15 Datasheet HTML 7Page - Analog Devices AD9956_15 Datasheet HTML 8Page - Analog Devices AD9956_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD9956
Rev. A | Page 5 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS (SDI/O, I/O_RESET, RESET,
I/O_UPDATE, PS0 to PS2, SYNC_IN)
VIH, Input High Voltage
2.0
V
VIL, Input Low Voltage
0.8
V
IINH, IINL Input Current
±1
±5
µA
CIN, Maximum Input Capacitance
3
pF
LOGIC OUTPUTS (SDO, SYNC_OUT, PLL_LOCK)6
VOH, Output High Voltage
2.7
V
VOH, Output Low Voltage
0.4
V
IOH
100
µA
IOL
100
µA
POWER CONSUMPTION
Total Power Consumed, All Functions On
400
mW
IAVDD
85
mA
IDVDD
45
mA
IDVDD_I/O
20
mA
ICP_VDD
15
mA
Power-Down Mode
80
mW
WAKE-UP TIME (from Power-Down Mode)
Digital Power-Down (CFR1<7>)
12
ns
DAC Power-Down (CFR2<39>)
7
µs
RF Divider Power-Down (CFR2<23>)
400
ns
Clock Driver Power-Down (CFR2<20>)
6
µs
Charge Pump Full Power-Down (CFR2<4>)
10
µs
Charge Pump Quick Power-Down (CFR2<3>)
150
ns
DAC OUTPUT CHARACTERISTICS
Resolution
14
Bits
Full-Scale Output Current
10
15
mA
Gain Error
−10
+10
% FS
Output Offset
0.6
µA
Output Capacitance
5
pF
Voltage Compliance Range
AVDD − 0.50
AVDD + 0.50
V
Wideband SFDR (DC to Nyquist)
10 MHz Analog Out
−64
dBc
40 MHz Analog Out
−62
dBc
80 MHz Analog Out
−60
dBc
120 MHz Analog Out
−55
dBc
160 MHz Analog Out
−55
dBc
Narrowband SFDR
10 MHz Analog Out (±1 MHz)
−89
dBc
10 MHz Analog Out (±250 kHz)
−91
dBc
10 MHz Analog Out (±50 kHz)
−93
dBc
40 MHz Analog Out (±1 MHz)
−87
dBc
40 MHz Analog Out (±250 kHz)
−89
dBc
40 MHz Analog Out (±50 kHz)
−91
dBc
80 MHz Analog Out (±1 MHz)
−85
dBc
80 MHz Analog Out (±250 kHz)
−87
dBc
80 MHz Analog Out (±50 kHz)
−89
dBc
120 MHz Analog Out (±1 MHz)
−83
dBc
120 MHz Analog Out (±250 kHz)
−85
dBc
120 MHz Analog Out (±50 kHz)
−87
dBc


Podobny numer części - AD9956_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9956-VCO/PCB AD-AD9956-VCO/PCB Datasheet
582Kb / 12P
   Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
AD9956/PCB AD-AD9956/PCB Datasheet
805Kb / 32P
   2.7 GHz DDS-Based AgileRF
REV. 0
AD9956/PCB AD-AD9956/PCB Datasheet
582Kb / 12P
   Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
AD9956YCPZ-REEL1 AD-AD9956YCPZ-REEL1 Datasheet
805Kb / 32P
   2.7 GHz DDS-Based AgileRF
REV. 0
AD9956YCPZ1 AD-AD9956YCPZ1 Datasheet
805Kb / 32P
   2.7 GHz DDS-Based AgileRF
REV. 0
More results

Podobny opis - AD9956_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9956 AD-AD9956 Datasheet
805Kb / 32P
   2.7 GHz DDS-Based AgileRF
REV. 0
AD9956 AD-AD9956_V01 Datasheet
582Kb / 12P
   Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9851 AD-AD9851_15 Datasheet
749Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9851 AD-AD9851 Datasheet
254Kb / 23P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. C
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com