Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9979 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9979
Szczegółowy opis  14-Bit, CCD Signal Processor with Precision Timing Core
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9979 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9979_15 Datasheet HTML 6Page - Analog Devices AD9979_15 Datasheet HTML 7Page - Analog Devices AD9979_15 Datasheet HTML 8Page - Analog Devices AD9979_15 Datasheet HTML 9Page - Analog Devices AD9979_15 Datasheet HTML 10Page - Analog Devices AD9979_15 Datasheet HTML 11Page - Analog Devices AD9979_15 Datasheet HTML 12Page - Analog Devices AD9979_15 Datasheet HTML 13Page - Analog Devices AD9979_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
AD9979
Rev. C | Page 10 of 56
TYPICAL PERFORMANCE CHARACTERISTICS
SAMPLE RATE (MHz)
0
50
100
150
200
250
40
45
50
55
60
65
1.8V SUPPLIES
3.3V SUPPLIES
TOTAL POWER
Figure 4. Power vs. Sample Rate
VGA GAIN (dB)
0
20
40
60
80
100
120
140
160
180
0
5
10
15
20
25
30
35
40
45
Figure 5. RMS Output Noise vs. VGA Gain
0
ADC OUTPUT CODE
0
1.0
–1.0
0.8
0.6
0.4
0.2
–0.2
–0.4
–0.6
–0.8
2k
4k
6k
8k
10k
12k
14k
16k
Figure 6. Differential Nonlinearity (DNL)
ADC OUTPUT CODE
0
10
–8
2k
4k
6k
8k
10k
12k
14k
16k
8
6
4
2
0
–2
–4
–6
Figure 7. System Integral Nonlinearity (INL)


Podobny numer części - AD9979_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results

Podobny opis - AD9979_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9942 AD-AD9942 Datasheet
653Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
REV. A
AD9974 AD-AD9974 Datasheet
73Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
Rev. Sp0
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9972BBCZ AD-AD9972BBCZ Datasheet
71Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com