Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9985 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9985
Szczegółowy opis  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9985 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9985_15 Datasheet HTML 1Page - Analog Devices AD9985_15 Datasheet HTML 2Page - Analog Devices AD9985_15 Datasheet HTML 3Page - Analog Devices AD9985_15 Datasheet HTML 4Page - Analog Devices AD9985_15 Datasheet HTML 5Page - Analog Devices AD9985_15 Datasheet HTML 6Page - Analog Devices AD9985_15 Datasheet HTML 7Page - Analog Devices AD9985_15 Datasheet HTML 8Page - Analog Devices AD9985_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD9985
Rev. 0 | Page 3 of 32
SPECIFICATIONS
Analog Interface: VD = 3.3 V, VDD = 3.3 V, ADC clock = maximum conversion rate, unless otherwise noted.
Table 1.
AD9985KSTZ-110
AD9985KSTZ-140
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
8
Bits
DC ACCURACY
Differential Nonlinearity
25°C
I
±0.5
+1.25/–1.0
±0.5
+1.35/−1.0
LSB
Full
VI
+1.35/–1.0
±1.45/−1.0
LSB
Integral Nonlinearity
25°C
I
±0.5
±1.85
±0.5
±2.0
LSB
Full
VI
±2.0
±2.3
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
ANALOG INPUT
Input Voltage Range
Minimum
Full
VI
0.5
0.5
V p-p
Maximum
Full
VI
1.0
1.0
V p-p
Gain Tempco
25°C
V
100
100
ppm/°C
Input Bias Current
25°C
IV
1
1
µA
Full
IV
1
1
µA
Input Offset Voltage
Full
V
7
7
mV
Input Full-Scale Matching
Full
VI
1.5
8.0
1.5
8.0
% FS
Offset Adjustment Range
Full
VI
46
49
52
46
49
52
% FS
REFERENCE OUTPUT
Output Voltage
Full
V
1.25
1.25
V
Temperature Coefficient
Full
V
±50
±50
ppm/°C
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
110
140
MSPS
Minimum Conversion Rate
Full
IV
10
10
MSPS
Data to Clock Skew
Full
IV
−0.5
+2.0
−0.5
+2.0
ns
tBUFF
Full
VI
4.7
4.7
µs
tSTAH
Full
VI
4.0
4.0
µs
tDHO
Full
VI
300
300
ns
tDAL
Full
VI
4.7
4.7
µs
tDAH
Full
VI
4.0
4.0
µs
tDSU
Full
VI
250
250
ns
tSTASU
Full
VI
4.7
4.7
µs
tSTOTSU
Full
VI
4.0
4.0
µs
HSYNC Input Frequency
Full
IV
15
110
15
110
kHz
Maximum PLL Clock Rate
Full
VI
110
140
MHz
Minimum PLL Clock Rate
Full
IV
12
12
MHz
PLL Jitter
25°C
IV
400
7001
400
7001
ps p-p
Full
IV
10001
400
7001
ps p-p
Sampling Phase Tempco
Full
IV
15
15
ps/°C
DIGITAL INPUTS
Input Voltage, High (VIH)
Full
VI
2.5
2.5
V
Input Voltage, Low (VIL)
Full
VI
0.8
0.8
V
Input Current, High (VIH)
Full
V
−1.0
−1.0
µA
Input Current, Low (VIL)
Full
V
+1.0
+1.0
µA
Input Capacitance
25°C
V
3
3
pF


Podobny numer części - AD9985_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9985/PCB AD-AD9985/PCB Datasheet
349Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A/PCB AD-AD9985A/PCB Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985ABSTZ-110 AD-AD9985ABSTZ-110 Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985AKSTZ-110 AD-AD9985AKSTZ-110 Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
More results

Podobny opis - AD9985_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9883A AD-AD9883A Datasheet
229Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9985A AD-AD9985A Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985 AD-AD9985 Datasheet
349Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884A AD-AD9884A Datasheet
186Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. B
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888_15 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com