Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD53522 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD53522
Szczegółowy opis  High Speed Dual Pin Electronic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD53522 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD53522_15 Datasheet HTML 4Page - Analog Devices AD53522_15 Datasheet HTML 5Page - Analog Devices AD53522_15 Datasheet HTML 6Page - Analog Devices AD53522_15 Datasheet HTML 7Page - Analog Devices AD53522_15 Datasheet HTML 8Page - Analog Devices AD53522_15 Datasheet HTML 9Page - Analog Devices AD53522_15 Datasheet HTML 10Page - Analog Devices AD53522_15 Datasheet HTML 11Page - Analog Devices AD53522_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. A
–10–
AD53522
Pin Number
Mnemonic
Description
13
GND_ROT
Analog Ground.
16
DR_GND2
Analog Ground.
19
VLDCPL2
Internal Supply Decoupling for the Driver Output Stage of Channel 2. This pin needs to be connected to
VEE through a 39 nF (minimum) capacitor.
20
OUT2
Input/Output for the Driver, Window Comparator, Reflection Clamp, and Active Load of Channel 2
21
VHDCPL2
Internal Supply Decoupling for the Driver Output Stage of Channel 2. This pin needs to be connected to
VCC through a 39 nF (minimum) capacitor.
22
VCL2
Analog Input Voltage that Sets the Reflection Clamp Low Level of Channel 2
23
VCH2
Analog Input Voltage that Sets the Reflection Clamp High Level of Channel 2
24
IOXRTN2
Current Return Path for the Active Load for Channel 2. Typically connected to a power ground.
25
PROT_HI2
Channel 2, Output Voltage Sensing Diode.
26
PROT_LO2
Channel 2, Output Voltage Sensing Diode.
29
VCOM_S2
Analog Output Voltage that Represents a Buffered VCOM1 Input
30
THERMSTART Temperature Sensor Startup Pin. Normally not connected.
31
IOLC2
Analog Input Voltage that Programs the Channel 2 Active Load Source Current.
32
IOHC2
Analog Input Voltage that Programs the Channel 2 Active Load Sink Current.
33
HQGND
Clean Analog Ground for the Active Load for Channel 2.
34
INHL2
One of Two Complementary Inputs that Control the Inhibit Mode for the Active Load Bridge of Channel 2.
35
INHLB2
One of Two Complementary Inputs that Control the Inhibit Mode for the Active Load Bridge of Channel 2.
36, 54, 55,
VEE
Negative Supply Terminal.
71, 72, 90
37, 52, 53,
VCC
Positive Supply Terminal.
73, 74, 89
39
RLD2
One of Two Complementary Inputs that Control, in Conjunction with IOD2 and IODB2, the Operating
Mode of the Channel 2 Driver. Refer to Table I for specific conditions.
40
IOD2
One of Two Complementary Inputs that Control, in Conjunction with RLD2 and RLDB2, the Operating
Mode of the Channel 2 Driver. Refer to Table I for specific conditions.
41
IODB2
One of Two Complementary Inputs that Control, in Conjunction with RLD2 and RLDB2, the Operating
Mode of the Channel 2 Driver. Refer to Table I for specific conditions.
42
DATA2
One of Two Complementary Inputs that Determine the High and Low State of the Channel 2 Driver.
Driver output is high for DATA2 > DATAB2. Refer to Table I for specific conditions.
43
DATAB2
One of Two Complementary Inputs that Determine the High and Low State of the Channel 2 Driver.
Driver output is high for DATA2 > DATAB2. Refer to Table I for specific conditions.
46
VCOM2
Analog Input Voltage that Establishes the Commutation Voltage for the Active Load Diode Bridge for Channel 2.
47
VH2
Analog Input Voltage that Sets the Logic 1 Level of the Driver Output Limit for Channel 2. Determines
the driver output for DATA2 > DATAB2.
48
VTERM2
Analog Input Voltage that Set the Termination Voltage Level of the Channel 2 Driver when in VTERM Mode.
49
VL2
Analog Input Voltage that Set the Logic 0 Level of the Driver Output Limit for Channel 2. Determines
the driver output for DATAB2 > DATA2.
50
HCOMP2
Analog Input Voltage that Sets the Logic 1 Compare Reference for the Window Comparator of Channel 2.
51
LCOMP2
Analog Input Voltage that Sets the Logic 0 Compare Reference for the Window Comparator of Channel 2.
56
QH2
One of Two Complementary Outputs for the Logic 1 Window Comparator of Channel 1.
57
QHB2
One of Two Complementary Outputs for the Logic 1 Window Comparator of Channel 1.
58
VCCO2
Input Supply Voltage for QH2, QHB2, QL2, and QLB2 Signals and Reference Voltage for DATA2, DATAB2,
IOD2, IODB2, RLD2, and RLDB2.
59
QLB2
One of Two Complementary Outputs for the Logic 0 Window Comparator of Channel 2.


Podobny numer części - AD53522_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD53522JSQ AD-AD53522JSQ Datasheet
158Kb / 12P
   High Speed Dual Pin Electronic
REV. A
More results

Podobny opis - AD53522_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD53522 AD-AD53522 Datasheet
158Kb / 12P
   High Speed Dual Pin Electronic
REV. A
logo
Connor-Winfield Corpora...
JH73DF CONNOR-WINFIELD-JH73DF Datasheet
58Kb / 1P
   DUAL FREQUENCY 14 PIN DIP HIGH SPEED CMOS
logo
List of Unclassifed Man...
A00596 ETC2-A00596 Datasheet
180Kb / 2P
   Electronic Speed Switch
logo
Panasonic Semiconductor
AN6608 PANASONIC-AN6608 Datasheet
66Kb / 6P
   DC Motor Forward/Reverse Dual Speed Electronic Governors
AN6607NS PANASONIC-AN6607NS Datasheet
207Kb / 2P
   DC MOTOR FORWARD / REVERSE DUAL SPEED ELECTRONIC GOVEMOR
logo
Microsemi Corporation
GC4270 MICROSEMI-GC4270 Datasheet
104Kb / 2P
   HIGH SPEED PIN DIODES
logo
OSRAM GmbH
SFH-2701 OSRAM-SFH-2701 Datasheet
385Kb / 13P
   High Speed PIN Photodiode
logo
OPTEK Technologies
OPF482 OPTEK-OPF482 Datasheet
245Kb / 2P
   High Speed PIN Photodiode
logo
ams AG
SFH2701 AMSCO-SFH2701 Datasheet
742Kb / 17P
   High Speed PIN Photodiode
Version 1.3 2021-09-30
logo
OSRAM GmbH
SFH2701 OSRAM-SFH2701 Datasheet
385Kb / 13P
   High Speed PIN Photodiode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com