Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK830F Arkusz danych(PDF) 3 Page - KODENSHI_AUK CORP.

Numer części STK830F
Szczegółowy opis  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KODENSHI [KODENSHI_AUK CORP.]
Strona internetowa  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STK830F Arkusz danych(HTML) 3 Page - KODENSHI_AUK CORP.

  STK830F Datasheet HTML 1Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 2Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 3Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 4Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 5Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 6Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 7Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSD-T0O003-002
3
STK830F
Electrical Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
V(BR)DSS
ID=250 , VGS=0V
500
-
-
V
Gate threshold voltage
VGS(th)
ID=250 , VDS= VGS
2.0
-
4.0
V
Drain-source cut-off current
IDSS
VDS=500V, VGS=0V
-
-
10
Gate leakage current
IGSS
VDS=0V, VGS=±30V
-
-
±100
Drain-source on-resistance
RDS(on)
VGS=10V, ID=2.25A
-
-
1.5
Ω
Forward transfer conductance
gfs
VDS=10V, ID=2.25A
-
3.3
-
S
Input capacitance
Ciss
-
550
830
Output capacitance
Coss
-
46
70
Reverse transfer capacitance
Crss
VGS=0V, VDS=25V
f=1 MHz
-
8.4
15
Turn-on delay time
td(on)
-
12
-
Rise time
tr
-
46
-
Turn-off delay time
td(off)
-
50
-
Fall time
tf
VDD=250V, ID=4.5A
RG=12Ω
-
48
-
Total gate charge
Qg
-
17
26
Gate-source charge
Qgs
-
2.6
4.0
Gate-drain charge
Qgd
VDS=250V, VGS=10V
ID=4.5A
-
5.8
9.0
nC
Source-Drain Diode Ratings and Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Source current (DC)
IS
-
-
4.5
Source current (Pulsed)
ISP
Integral reverse diode
in the MOSFET
-
-
18
A
Forward voltage
VSD
VGS=0V, IS=4.5A
-
-
1.4
V
Reverse recovery time
trr
-
188
-
Reverse recovery charge
Qrr
IS=4.5A, VGS=0V
dIS/dt=100A/
-
2.1
-
μC
Note ;
① Repetitive rating : Pulse width limited by maximum junction temperature
② L=20mH, I
AS=4.5A, VDD=50V, RG=27Ω
③ Pulse Test : Pulse width≤ 400 , Duty cycle≤ 2%
④ Essentially independent of operating temperature


Podobny numer części - STK830F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
STK830FC AUK-STK830FC Datasheet
457Kb / 8P
   Advanced Power MOSFET
More results

Podobny opis - STK830F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com