Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADD8701 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADD8701
Szczegółowy opis  12-Channel Gamma Buffers with VCOM Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADD8701 Arkusz danych(HTML) 3 Page - Analog Devices

  ADD8701_15 Datasheet HTML 1Page - Analog Devices ADD8701_15 Datasheet HTML 2Page - Analog Devices ADD8701_15 Datasheet HTML 3Page - Analog Devices ADD8701_15 Datasheet HTML 4Page - Analog Devices ADD8701_15 Datasheet HTML 5Page - Analog Devices ADD8701_15 Datasheet HTML 6Page - Analog Devices ADD8701_15 Datasheet HTML 7Page - Analog Devices ADD8701_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. 0
ADD8701
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADD8701 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
PIN CONFIGURATION
PIN 1
INDICATOR
TOP VIEW
24 GND
23 VDD
22 V6
21 V5
VDD 1
VCOM IN 2
IN12 3
20 V4
19 V3
18 V2
17 V1
IN11 4
IN10 5
IN9 6
IN8 7
IN7 8
ADD8701
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.5 V to VDD + 0.5 V
Storage Temperature Range . . . . . . . . . . . . . –65°C to +150°C
Operating Temperature Range . . . . . . . . . . . . –40°C to +85°C
Junction Temperature Range . . . . . . . . . . . . . –65°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300°C
ESD Tolerance (HBM) . . . . . . . . . . . . . . . . . . . . . . . ±1,000 V
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature
Package
Package
Range
Description
Option
ADD8701ACP
–40°C to +85°C
32-Lead LFCSP CP-32
Package Type
JA
1
JB
2
Unit
32-Lead LFCSP (CP)
35
13
°C/W
NOTES
1
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for device soldered
in circuit board for surface-mount packages.
2
ψ
JB is applied for calculating the junction temperature by reference to the board
temperature.
PIN FUNCTION DESCRIPTION
Pin No.
Mnemonic
Description
1, 15, 23
VDD
Power (+)
2
VCOM IN
VCOM Buffer Input
3–14
IN12–IN1
Gamma Buffer Inputs
16, 24, 31
GND
Power (–)
17–22, 25–30
V1–V12
Gamma Buffer Outputs
32
VCOM OUT
VCOM Buffer Output


Podobny numer części - ADD8701_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADD8701ACP AD-ADD8701ACP Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
More results

Podobny opis - ADD8701_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
ADD8707 AD-ADD8707 Datasheet
654Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
Analog Devices
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com