Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADD8706 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADD8706
Szczegółowy opis  16 V 5 1 Channel Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADD8706 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADD8706_15 Datasheet HTML 4Page - Analog Devices ADD8706_15 Datasheet HTML 5Page - Analog Devices ADD8706_15 Datasheet HTML 6Page - Analog Devices ADD8706_15 Datasheet HTML 7Page - Analog Devices ADD8706_15 Datasheet HTML 8Page - Analog Devices ADD8706_15 Datasheet HTML 9Page - Analog Devices ADD8706_15 Datasheet HTML 10Page - Analog Devices ADD8706_15 Datasheet HTML 11Page - Analog Devices ADD8706_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADD8706
Rev. 0 | Page 8 of 12
FREQUENCY (Hz)
–20
1k
100M
10k
100k
1M
10M
60
40
0
0
225
90
135
180
45
VS = 16V
RL = 10kΩ
CL = 40pF
20
100
80
Figure 14. Frequency vs. Gain and Shift
FREQUENCY (Hz)
100k
100M
1M
10M
100
80
–100
60
40
20
0
–20
–40
–60
–80
VS = 16V
RL = 10k
100pF
50pF
1040pF
540pF
Figure 15. Gain vs. Capacitive Load
FREQUENCY (Hz)
500
0
1k
10k
100k
1M
10M
150
100
50
250
CH. A–E
100
200
300
350
AV = 1
400
450
CH. F
Figure 16. Impedance vs. Frequency
CAPACITIVE LOAD (pF)
10
1k
100
100
90
0
80
70
60
50
40
30
20
10
VS = ±16V
VIN = 100mV
AV = 1
RL = 10kΩ
–OS
+OS
Figure 17. Overshoot vs. Capacitive Load
TIME (1
µs/DIV)
VS = 16V
RL = 2kΩ
CL = 100pF
=
Figure 18. Small-Signal Transient Response
TIME (1
µs/DIV)
VS = 16V
RL = 2k
CL = 100pF
=
Figure 19. Large Signal Transient Response


Podobny numer części - ADD8706_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADD8706ARUZ AD-ADD8706ARUZ Datasheet
1Mb / 12P
   16 V 5 1-Channel Operational Amplifier
REV. 0
ADD8706ARUZ-REEL AD-ADD8706ARUZ-REEL Datasheet
1Mb / 12P
   16 V 5 1-Channel Operational Amplifier
REV. 0
More results

Podobny opis - ADD8706_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADD8706 AD-ADD8706 Datasheet
1Mb / 12P
   16 V 5 1-Channel Operational Amplifier
REV. 0
ADD8704 AD-ADD8704 Datasheet
546Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
ADD8704 AD-ADD8704_15 Datasheet
552Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
ADA4665-2 AD-ADA4665-2_16 Datasheet
667Kb / 21P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
ADA4665-2ARMZ AD-ADA4665-2ARMZ Datasheet
697Kb / 20P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
logo
Vishay Siliconix
132 VISHAY-132_V01 Datasheet
76Kb / 3P
   1 5/16
01-Jan-2022
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
logo
Elantec Semiconductor
ELH0021K ELANTEC-ELH0021K Datasheet
240Kb / 8P
   1 Amp Power Operational Amplifier
logo
ON Semiconductor
LM321 ONSEMI-LM321 Datasheet
501Kb / 10P
   Single Channel Operational Amplifier
November, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com