Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADDAC80Z-CBI-I2 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADDAC80Z-CBI-I2
Szczegółowy opis  Complete Low Cost 12-Bit D/A Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADDAC80Z-CBI-I2 Arkusz danych(HTML) 2 Page - Analog Devices

  ADDAC80Z-CBI-I2 Datasheet HTML 1Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 2Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 3Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 4Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 5Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 6Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 7Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 8Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
ADDAC80/ADDAC85/ADDAC87–SPECIFICATIONS
ADDAC80
ADDAC85
ADDAC87
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
TECHNOLOGY
Monolithic
Monolithic
Monolithic
DIGITAL INPUT
Binary–CBI
12
12
12
Bits
BCD–CCD
Digits
Logic Levels (TTL Compatible)
VIH (Logic “1”)
2.0
5.5
2.0
5.5
2.0
5.5
V
VIL (Logic “0”)
0
0.8
0
0.8
0
0.8
V
IIH (VIH = 5.5 V)
250
250
250
µA
IIL (VIL = 0.8 V)
100
100
100
µA
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error @ 25
°C
CBI
±1/2
±1/2
±1/2
LSB
1
CCD
LSB
TA @ TMIN to TMAX
±1/4
±1/2
±1/4
±1/2
±1/2
±3/4
LSB
Differential Linearity Error @ 25
°C
CBI
±3/4
±3/4
±3/4
LSB
CCD
LSB
TA @ TMIN to TMAX
±3/4
±1
±1
LSB
Gain Error
2
±0.1
±0.3
±0.1
±0.2
±0.1
±0.2
%FSR
3
Offset Error
2
±0.05
±0.15
±0.05
±0.1
±0.05
±0.1
%FSR
3
Temperature Range for Guaranteed
Monotonicity
0
+70
–25
+85
–55
+125
°C
DRIFT (TMIN to TMAX)
Total Bipolar Drift, max (includes gain,
offset, and linearity drifts)
±20
±20
±30
ppm of FSR/
°C
Total Error (TMIN to TMAX)
4
Unipolar
±0.08 ±0.15
±0.12 ±0.2
±0.18 ±0.3
% of FSR
Bipolar
±0.06 ±0.10
±0.08 ±0.12
±0.14 ±0.24
% of FSR
Gain Including Internal Reference
±15
±30
±20
±20
ppm of FSR/
°C
Gain Excluding Internal Reference
±4
±7
±10
±10
ppm of FSR/
°C
Unipolar Offset
±1
±3
±3
±3
ppm of FSR/
°C
Bipolar Offset
±5
±10
±10
±10
ppm of FSR/
°C
CONVERSION SPEED
Voltage Model (V)
5
Settling Time to
±0.01% of FSR for
FSR Change (2 k
Ω 500 pF load)
with 10 k
Ω Feedback
3
4
3
4
3
4
µs
with 5 k
Ω Feedback
2
3
2
3
2
3
µs
For LSB Change
1
1
1
µs
Slew Rate
10
10
10
V/
µs
ANALOG OUTPUT
Voltage Models
Ranges–CBI
±2.5, ±5,
±2.5, ±5,
±2.5, ±5,
V
±10, +5,
±10, +5,
±10, +5,
V
10
10
10
V
–CCD
V
Output Current
±5
±5
±5mA
Output Impedance (dc)
0.05
0.05
0.05
Short Circuit Current
40
40
40
mA
Internal Reference Voltage (VR)
6.23
6.3
6.37
6.23
6.3
6.37
6.23
6.3
6.37
V
Output Impedance
1.5
1.5
1.5
Max External Current
6
2.5
2.5
2.5
mA
Tempco of Drift
±10
±20
±10
±20
±10
ppm of VR/
°C
POWER SUPPLY SENSITIVITY
±15 V ± 10%, 5 V supply when applicable
0.002
0.002
0.002
% of FSR/%VS
±12 V ± 5%
0.002
0.002
0.002
% of FSR/%VS
POWER SUPPLY REQUIREMENTS
Rated Voltages
±15
±15
±15
V
Range
Analog Supplies
±11.47
±16.5
±11.47
±16.5
±11.47
±16.5
V
Logic Supplies
V
Supply Drain
+12 V, +15 V
5
10
5
10
5
10
mA
–12 V, –15 V
14
20
14
20
14
20
mA
(TA = 25 C, rated power supplies
unless otherwise noted.)


Podobny numer części - ADDAC80Z-CBI-I2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADDAC80Z-CBI-I AD-ADDAC80Z-CBI-I Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
More results

Podobny opis - ADDAC80Z-CBI-I2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87D-CBI-V883 AD-ADDAC87D-CBI-V883 Datasheet
284Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87 AD-ADDAC87_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC85 AD-ADDAC85_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com