Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4360-2 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADF4360-2
Szczegółowy opis  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4360-2 Arkusz danych(HTML) 3 Page - Analog Devices

  ADF4360-2_15 Datasheet HTML 1Page - Analog Devices ADF4360-2_15 Datasheet HTML 2Page - Analog Devices ADF4360-2_15 Datasheet HTML 3Page - Analog Devices ADF4360-2_15 Datasheet HTML 4Page - Analog Devices ADF4360-2_15 Datasheet HTML 5Page - Analog Devices ADF4360-2_15 Datasheet HTML 6Page - Analog Devices ADF4360-2_15 Datasheet HTML 7Page - Analog Devices ADF4360-2_15 Datasheet HTML 8Page - Analog Devices ADF4360-2_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADF4360-2
Rev. C | Page 3 of 24
SPECIFICATIONS1
AVDD = DVDD = VVCO = 3.3 V ± 10%; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
B Version
Unit
Conditions/Comments
REFIN CHARACTERISTICS
REFIN Input Frequency
10/250
MHz min/max
For f < 10 MHz, use a CMOS-compatible
square wave, slew rate > 21 V/µs
REFIN Input Sensitivity
0.7/AVDD
V p-p min/max
AC-coupled
0 to AVDD
V max
CMOS-compatible
REFIN Input Capacitance
5.0
pF max
REFIN Input Current
±100
µA max
PHASE DETECTOR
Phase Detector Frequency2
8
MHz max
CHARGE PUMP
ICP Sink/Source3
With RSET = 4.7 kΩ
High Value
2.5
mA typ
Low Value
0.312
mA typ
RSET Range
2.7/10
kΩ
ICP Three-State Leakage Current
0.2
nA typ
Sink and Source Current Matching
2
% typ
1.25 V ≤ VCP ≤ 2.5 V
ICP vs. VCP
1.5
% typ
1.25 V ≤ VCP ≤ 2.5 V
ICP vs. Temperature
2
% typ
VCP = 2.0 V
LOGIC INPUTS
VINH, Input High Voltage
1.5
V min
VINL, Input Low Voltage
0.6
V max
IINH/IINL, Input Current
±1
µA max
CIN, Input Capacitance
3.0
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
DVDD − 0.4
V min
CMOS output chosen
IOH, Output High Current
500
µA max
VOL, Output Low Voltage
0.4
V max
IOL = 500 µA
POWER SUPPLIES
AVDD
3.0/3.6
V min/V max
DVDD
AVDD
VVCO
AVDD
AIDD4
10
mA typ
DIDD4
2.5
mA typ
IVCO4, 5
24.0
mA typ
ICORE = 15 mA
IVCO4, 5
29.0
mA typ
ICORE = 20 mA
IRFOUT4
3.5 to 11.0
mA typ
RF output stage is programmable
Low Power Sleep Mode4
7
µA typ


Podobny numer części - ADF4360-2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4360-2 AD-ADF4360-2_12 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_16 Datasheet
433Kb / 24P
   Integrated Synthesizer and VCO
More results

Podobny opis - ADF4360-2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com