Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4360-3 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADF4360-3
Szczegółowy opis  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4360-3 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADF4360-3_15 Datasheet HTML 4Page - Analog Devices ADF4360-3_15 Datasheet HTML 5Page - Analog Devices ADF4360-3_15 Datasheet HTML 6Page - Analog Devices ADF4360-3_15 Datasheet HTML 7Page - Analog Devices ADF4360-3_15 Datasheet HTML 8Page - Analog Devices ADF4360-3_15 Datasheet HTML 9Page - Analog Devices ADF4360-3_15 Datasheet HTML 10Page - Analog Devices ADF4360-3_15 Datasheet HTML 11Page - Analog Devices ADF4360-3_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4360-3
Data Sheet
Rev. D | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–150
–160
–170
–140
–130
–120
–110
–100
–90
–80
–70
–40
–50
–60
–30
–20
–10
0
1k
10M
1M
100k
10k
FREQUENCY OFFSET (Hz)
4
3
2
1
Figure 4. Open-Loop VCO Phase Noise
100
10M
1M
100k
10k
1k
FREQUENCY OFFSET (Hz)
–145
–150
–140
–135
–130
–125
–120
–115
–110
–105
–90
–95
–100
–85
–80
–75
–70
Figure 5. VCO Phase Noise, 1800 MHz, 200 kHz PFD, 10 kHz Loop Bandwidth
–145
–150
–140
–135
–130
–125
–120
–115
–110
–105
–90
–95
–100
–85
–80
–75
–70
100
10M
1M
100k
10k
1k
FREQUENCY OFFSET (Hz)
Figure 6. VCO Phase Noise, 900 MHz,
Divide-by-2 Enabled, 200 kHz PFD, 10 kHz Loop Bandwidth
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–2kHz
–1kHz
1800MHz
1kHz
2kHz
–86.0dBc/Hz
VDD = 3V, VVCO = +3V
ICP = 2.5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 10kHz
RES. BANDWIDTH = 30Hz
VIDEO BANDWIDTH = 30Hz
SWEEP = 1.9 SECONDS
AVERAGES = 10
Figure 7. Close-In Phase Noise at 1800 MHz (200 kHz Channel Spacing)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–200kHz
–100kHz
1800MHz
100kHz
200kHz
–72.3dBc
VDD = +3V, VVCO = +3V
ICP = 2.5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 10kHz
RES. BANDWIDTH = 3kHz
VIDEO BANDWIDTH = 3kHz
SWEEP = 140ms
AVERAGES = 100
Figure 8. Reference Spurs at 1800 MHz
(200 kHz Channel Spacing, 10 kHz Loop Bandwidth)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–1MHz
–0.5MHz
1800MHz
0.5MHz
1MHz
–73.8dBc/Hz
VDD = +3V, VVCO = +3V
ICP = 2.5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 25kHz
RES. BANDWIDTH = 30kHz
VIDEO BANDWIDTH = 30kHz
SWEEP = 50ms
AVERAGES = 100
Figure 9. Reference Spurs at 1800 MHz
(1 MHz Channel Spacing, 25 kHz Loop Bandwidth)


Podobny numer części - ADF4360-3_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4360-3 AD-ADF4360-3_16 Datasheet
382Kb / 24P
   Integrated Synthesizer and VCO
More results

Podobny opis - ADF4360-3_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com