Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF7901 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADF7901
Szczegółowy opis  High Performance ISM Band OOK/FSK Transmitter IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF7901 Arkusz danych(HTML) 3 Page - Analog Devices

  ADF7901_15 Datasheet HTML 1Page - Analog Devices ADF7901_15 Datasheet HTML 2Page - Analog Devices ADF7901_15 Datasheet HTML 3Page - Analog Devices ADF7901_15 Datasheet HTML 4Page - Analog Devices ADF7901_15 Datasheet HTML 5Page - Analog Devices ADF7901_15 Datasheet HTML 6Page - Analog Devices ADF7901_15 Datasheet HTML 7Page - Analog Devices ADF7901_15 Datasheet HTML 8Page - Analog Devices ADF7901_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADF7901
Rev. A| Page 3 of 12
SPECIFICATIONS
VDD =3.0 V; GND = 0 V; TA = TMIN to TMAX, unless otherwise noted. Typical specifications, TA = 25°C.1
Table 1.
Parameter
Min
Typ
Max
Unit
Comments/Conditions
RF CHARACTERISTICS
Output Frequency Ranges
Channel 1
369.5
MHz
Channel 2
371.1
MHz
Channel 3
375.3
MHz
Channel 4
376.9
MHz
Channel 5
384.0
MHz
Channel 6
388.3
MHz
Channel 7
391.5
MHz
Channel 8
394.3
MHz
Channel 9
395.9
MHz
Phase Frequency Detector Frequency
9.8304
MHz
TRANSMISSION PARAMETERS
Transmit Rate
FSK
50
kbps
OOK
50
kbps
Frequency Shift Keying
FSK Separation2
−34.8
kHz
Data = 1
+34.8
kHz
Data = 0
On/Off Keying
Modulation Depth3
83
dB
Output power = 12 dBm
Output Power
Min/Max Range4
15
dBm
fOUT ≤ 384 MHz
10
12
dBm
fOUT > 384 MHz
7
10.5
dBm
Occupied 20 dB BW
OOK at 1 kbps
±28
±461.9
kHz
FSK (PA Off/On) at10 Hz5
±26
±461.9
kHz
LOGIC INPUTS
VINH, Input High Voltage
2.124
V
VINL, Input Low Voltage
0.2 × VDD
V
IINH/IINL, Input Current
±1
μA
CIN, Input Capacitance
10
pF
POWER SUPPLIES
Voltage Supply
DVDD
3.0
V
Transmit Current Consumption
369.5 MHz to 376.9 MHz at 12 dBm
26
mA
384 MHz at +12 dBm
26
mA
388.3 MHz to 395.9 MHz at 10.5 dBm
21
mA
384 MHz at 5 dBm
17
mA
Power-Down Mode
Low Power Sleep Mode6
0.2
1
μA


Podobny numer części - ADF7901_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7901BRU AD-ADF7901BRU Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL AD-ADF7901BRU-REEL Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL7 AD-ADF7901BRU-REEL7 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRUZ-RL1 AD-ADF7901BRUZ-RL1 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results

Podobny opis - ADF7901_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com