Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB050N15J3 Arkusz danych(PDF) 2 Page - Cystech Electonics Corp.

Numer części MTB050N15J3
Szczegółowy opis  N -Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB050N15J3 Arkusz danych(HTML) 2 Page - Cystech Electonics Corp.

  MTB050N15J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB050N15J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB050N15J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB050N15J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB050N15J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB050N15J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB050N15J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB050N15J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB050N15J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C979J3
Issued Date : 2014.08.14
Revised Date : 2015.03.02
Page No. : 2/9
MTB050N15J3
CYStek Product Specification
Absolute Maximum Ratings (TC=25°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
150
Gate-Source Voltage
VGS
±
20
V
Continuous Drain Current @ TC=25
°C, VGS=10V
20
Continuous Drain Current @ TC=100
°C, VGS=10V
ID
14
Continuous Drain Current @ TA=25
°C, VGS=10V
*2
4.8
Continuous Drain Current @ TA=100
°C, VGS=10V
*2
3.0
Continuous Drain Current @ TA=25
°C, VGS=10V
*3
3.9
Continuous Drain Current @ TA=100
°C, VGS=10V
*3
IDSM
2.5
Pulsed Drain Current *1
IDM
54
Avalanche Current
IAS
9.8
A
Avalanche Energy @ L=12mH, ID=9.8A, RG=25Ω
EAS
576
mJ
Total Power Dissipation @TC=25℃
50
Total Power Dissipation @TC=100℃
PD
25
Total Power Dissipation @TA=25℃
*2
2.5
Total Power Dissipation @TA=100℃
*2
1.0
Total Power Dissipation @TA=25℃
*3
1.7
Total Power Dissipation @TA=100℃
*3
PDSM
0.7
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+175
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
3
Thermal Resistance, Junction-to-ambient, max
*2
50
Thermal Resistance, Junction-to-ambient, max
*3
Rth,j-a
75
°C/W
Note : *1
. Pulse width limited by maximum junction temperature
*2. When the device is mounted on 1 in²FR-4 board with 2 oz. copper.
*3. When the device is on the minimum pad size recommended.
*4. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful
in setting the upper dissipation limit for cases where additional heatsinking is used.
*5. The power dissipation PDSM is based on RθJA and the maximum allowed junction temperature of 150°C. The value
in any given application depends on the user’s specific board design, and the maximum temperature of 175°C may
be used if the PCB allows it.
Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
150
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
0.15
-
V/
°C
Reference to 25
°C, ID=250μA
VGS(th)
1.0
-
2.5
V
VDS =VGS, ID=250μA
GFS *1
-
47
-
S
VDS =5V, ID=15A
IGSS
-
-
±
100
nA
VGS=±20V, VDS=0V


Podobny numer części - MTB050N15J3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB050N15BRH8 CYSTEKEC-MTB050N15BRH8 Datasheet
839Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRH8-0-T6-G CYSTEKEC-MTB050N15BRH8-0-T6-G Datasheet
839Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRQ8 CYSTEKEC-MTB050N15BRQ8 Datasheet
521Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRQ8-0-T3-G CYSTEKEC-MTB050N15BRQ8-0-T3-G Datasheet
521Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRV8 CYSTEKEC-MTB050N15BRV8 Datasheet
475Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB050N15J3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com