Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB090N06I3 Arkusz danych(PDF) 8 Page - Cystech Electonics Corp.

Numer części MTB090N06I3
Szczegółowy opis  N-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB090N06I3 Arkusz danych(HTML) 8 Page - Cystech Electonics Corp.

  MTB090N06I3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB090N06I3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB090N06I3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB090N06I3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB090N06I3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB090N06I3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB090N06I3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB090N06I3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C420I3
Issued Date : 2014.07.11
Revised Date :
Page No. : 8/8
MTB090N06I3
CYStek Product Specification
TO-251 Dimension
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.2500
0.2677
6.35
6.80
I
0.0866
0.0945
2.20
2.40
B
0.2047
0.2165
5.20
5.50
J
0.2126
0.2283
5.40
5.80
C
0.5512
0.5906
14.00
15.00
K
0.2835
0.3071
7.20
7.80
D
0.0236
0.0354
0.60
0.90
L
0.0354
0.0591
0.90
1.50
E
0.0199
0.0276
0.50
0.70
M
0.0169
0.0236
0.43
0.60
F
0.0886
0.0925
2.25
2.35
N
0.1181 REF
3.00 REF
G
0.0886
0.0925
2.25
2.35
S
0.1969 REF
5.00 REF
H
0.0169
0.0236
0.43
0.60
T
0.1496 REF
3.80 REF
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
 Lead: Pure tin plated
 Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
 CYStek reserves the right to make changes to its products without notice.
 CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
 CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Style: Pin 1.Gate 2.Drain 3.Source
3-Lead TO-251 Plastic Package
CYStek Package Code: I3
Marking:
B090
N06
□□□□
Product
Name
Date
Code


Podobny numer części - MTB090N06I3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN DOINGTER SEMIC...
MTB090N06I3 DOINGTER-MTB090N06I3 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Podobny opis - MTB090N06I3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com