Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB110P10F3-0-T7-S Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części MTB110P10F3-0-T7-S
Szczegółowy opis  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB110P10F3-0-T7-S Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  MTB110P10F3-0-T7-S Datasheet HTML 1Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 2Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 3Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 4Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 5Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 6Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 7Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 8Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C968F3
Issued Date : 2014.08.05
Revised Date :
Page No. : 3/9
MTB110P10F3
CYStek Product Specification
Characteristics (TC=25
C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-100
-
-
V
VGS=0V, ID=-250μA
∆BVDSS/∆Tj
-
-0.09
-
V/°C
Reference to 25°C, ID=-250μA
VGS(th)
-1.0
-
-2.5
V
VDS = VGS, ID=-250μA
GFS
-
19
-
S
VDS =-10V, ID=-11A
IGSS
-
-
±100
nA
VGS=±20V
IDSS
-
-
-1
μA
VDS =-100V, VGS =0V
-
-
-25
VDS =-80V, VGS =0V, Tj=125
C
*RDS(ON)
-
80
110
VGS =-10V, ID=-11A
-
93
125
VGS =-4.5V, ID=-8A
Dynamic
*Qg
-
30.6
-
nC
ID=-11A, VDS=-80V, VGS=-10V
*Qgs
-
3.8
-
*Qgd
-
9.3
-
*td(ON)
-
9.0
-
ns
VDS=-50V, ID=-11A, VGS=-10V,
RG=5.1Ω
*tr
-
18.2
-
*td(OFF)
-
69.8
-
*tf
-
73.2
-
Ciss
-
1726
-
pF
VGS=0V, VDS=-25V, f=1MHz
Coss
-
104
-
Crss
-
71
-
Rg
-
11
-
Ω
f=1MHz
Source-Drain Diode
*IS
-
-
-23
A
*ISM
-
-
-76
*VSD
-
-0.84
-1.3
V
IS=-11A, VGS=0V
*trr
-
25.3
-
ns
IF=-11A, VGS=0V, dI/dt=100A/μs
*Qrr
-
33.4
-
nC
*Pulse Test : Pulse Width 300μs, Duty Cycle2%


Podobny numer części - MTB110P10F3-0-T7-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB110P10E3 CYSTEKEC-MTB110P10E3 Datasheet
546Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10E3-0-UB-X CYSTEKEC-MTB110P10E3-0-UB-X Datasheet
546Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10J3 CYSTEKEC-MTB110P10J3 Datasheet
612Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB110P10J3-0-T3-G CYSTEKEC-MTB110P10J3-0-T3-G Datasheet
612Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB110P10L3 CYSTEKEC-MTB110P10L3 Datasheet
387Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB110P10F3-0-T7-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com