Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC547BA3-0-BK-G Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części BC547BA3-0-BK-G
Szczegółowy opis  General Purpose NPN Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BC547BA3-0-BK-G Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  BC547BA3-0-BK-G Datasheet HTML 1Page - Cystech Electonics Corp. BC547BA3-0-BK-G Datasheet HTML 2Page - Cystech Electonics Corp. BC547BA3-0-BK-G Datasheet HTML 3Page - Cystech Electonics Corp. BC547BA3-0-BK-G Datasheet HTML 4Page - Cystech Electonics Corp. BC547BA3-0-BK-G Datasheet HTML 5Page - Cystech Electonics Corp. BC547BA3-0-BK-G Datasheet HTML 6Page - Cystech Electonics Corp. BC547BA3-0-BK-G Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C204A3
Issued Date : 2015.01.23
Revised Date :
Page No. : 3 / 7
BC547BA3
CYStek Product Specification
Typical Characteristics
Emitter Grounded Output Characteristics
0
0.05
0.1
0.15
0.2
0.25
01
23
45
6
Collector-to-Emitter Voltage---VCE(V)
200uA
300uA
400uA
500uA
1mA
IB=100uA
Emitter Grounded Output Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
012
3456
Collector-to-Emitter Voltage---VCE(V)
1mA
1.5mA
2mA
2.5mA
5mA
IB=500uA
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
Collector Current---IC(mA)
Ta=25°C
Ta=75°C
Ta=125°C
VCE=1V
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
Collector Current---IC(mA)
Ta=25°C
Ta=75°C
Ta=125°C
VCE=2V
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
Collector Current---IC(mA)
Ta=25°C
Ta=75°C
Ta=125°C
VCE=10V
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
Collector Current---IC(mA)
125°C
75°C
25°C
VCESAT=10IB


Podobny numer części - BC547BA3-0-BK-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC547B MOTOROLA-BC547B Datasheet
193Kb / 6P
   Amplifier Transistors
logo
Pan Jit International I...
BC547B PANJIT-BC547B Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
BC547B FAIRCHILD-BC547B Datasheet
141Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
BC547B ONSEMI-BC547B Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
STMicroelectronics
BC547B STMICROELECTRONICS-BC547B Datasheet
53Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
More results

Podobny opis - BC547BA3-0-BK-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com