Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMA510GM-75883 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części HMA510GM-75883
Szczegółowy opis  16 x 16-Bit CMOS Parallel Multiplier Accumulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMA510GM-75883 Arkusz danych(HTML) 6 Page - Intersil Corporation

  HMA510GM-75883 Datasheet HTML 1Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 2Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 3Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 4Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 5Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 6Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 7Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 8Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3-15
AC Test Circuit
NOTE: Includes Stray and Jig Capacitance
AC Testing Input, Output Waveforms
NOTE: AC Testing: All Parameters tested as per test circuit. Input
rise and fall times are driven at 1ns/V.
DUT
C1 (SEE NOTE)
V1
R1
VIH
VIL
VOH
VOL
1.5V
1.5V
Timing Diagram
FIGURE 1. SET-UP AND HOLD TIME
FIGURE 2. THREE-STATE CONTROL
FIGURE 3. HMA510 TIMING DIAGRAM
FIGURE 4. PRELOAD TIMING DIAGRAM
DATA
INPUT
CLOCK
INPUT
3.0V
1.5V
0V
3.0V
1.5V
0V
tS
tH
THREE
STATE
CONTROL
tDIS
tENA
1.5V
OUTPUT
STATE
HIGH IMPEDANCE
THREE
CLKX
XIN, YIN
tPWL
tPWH
tHCL
tH
tS
tMA
tD
RND, TC
ACC, SUB
CLKP
OUTPUT P, Y
CLKY
tPWH
tPWL
CLKP
PREL
OEX
OEM
OEL
OUTPUT
PINS
tS
tH
HMA510/883


Podobny numer części - HMA510GM-75883

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HMA510GC-55 INTERSIL-HMA510GC-55 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results

Podobny opis - HMA510GM-75883

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com