Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1014 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADM1014
Szczegółowy opis  Dual PCI Hot-Plug Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1014 Arkusz danych(HTML) 5 Page - Analog Devices

  ADM1014_15 Datasheet HTML 1Page - Analog Devices ADM1014_15 Datasheet HTML 2Page - Analog Devices ADM1014_15 Datasheet HTML 3Page - Analog Devices ADM1014_15 Datasheet HTML 4Page - Analog Devices ADM1014_15 Datasheet HTML 5Page - Analog Devices ADM1014_15 Datasheet HTML 6Page - Analog Devices ADM1014_15 Datasheet HTML 7Page - Analog Devices ADM1014_15 Datasheet HTML 8Page - Analog Devices ADM1014_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM1014
–5–
REV.
PrN 1/02
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Function
1
M12VOA
Switched -12V output for channel A. Rated for 100mA.
2
M12VGA
Gate of channel A internal NMOS transistor. A capacitor connected from this pin to -12VOA (pin 1)
sets the start-up ramp for the +12V supply. During turn-on, this capacitor is charged from a 25µA
current source.
3
PWRONA
Power on control for channel A. 3.3V CMOS-compatible logic input controls all four main supplies.
PWRONA high = outputs on, PWRONA low = outputs off.
4
FLTNA
Active-low, 5V compatible, Open Drain fault output for channel A. A pull-up resistor connects the
pin to 3.3VAux. 4.7k
is recommended for this function. An optional capacitor may be connected
from this pin to GND to provide improved immunity to power supply transients.
5
FAUXA
Active-low, 3.3V compatible, Open Drain fault output for Aux channel A. The same pull-up resistor
as that on FLTNA connects the pin to 3.3VAux.
6
OCSET
Overcurrent set for all 10 outputs. A resistor connected from this pin to ground sets the overcurrent
trip point of all eight supplies. All eight overcurrent trip-points can be programmed by changing the
value of this resistor. The default value of 6.04k , ±1% is compatible with the maximum currents
allowed by the PCI specification.
7
AUXGA
Gate of channel A +3.3VAUX internal PMOS transistor. A capacitor connected from this pin to
AUXOA (pin 8) sets the start-up ramp for the +3.3VAUX supply. During turn-on, this capacitor is
charged from a 25µA current source.
8
AUXOA
Switched 3.3V auxiliary output for channel A. Rated for 0.375A.
9
12VGA
Gate of channel A internal PMOS transistor. A capacitor connected from this pin to 12VOA (pin 10)
sets the start-up ramp for the +12V supply. During turn-on, this capacitor is charged from a 25µA
current source. The undervoltage circuitry is disabled when the voltage on 12VGA rises above 1.2V.
If the capacitor on pin 7 (AUXGA) or pin 33 (3V5VGA) is more than 25% larger than the capacitor on
pin 9 (12VGA) a false undervoltage condition may be detected during startup.
10
12VOA
Switched 12V output for channel A. Rated for 0.5A.
11
12VOB
Switched 12V output for channel B. Rated for 0.5A.
12
12VGB
Gate of channel B internal PMOS transistor. A capacitor connected from this pin to 12VOB (pin 11)
sets the start-up ramp for the +12V supply. During turn-on, this capacitor is charged from a 25µA
current source. The undervoltage circuitry is disabled when the voltage on 12VGB rises above 1.2V.
If the capacitor on the pin 25 (3V5VGB) or pin 14 (AUXGB) is more than 25% larger than the
capacitor on pin 12 (12VGB) a false undervoltage condition may be detected during startup.
13
AUXOB
Switched 3.3V auxiliary output for channel B. Rated for 0.375A.
14
AUXGB
Gate of channel B +3.3VAUX internal PMOS transistor. A capacitor connected from this pin to
AUXOB (pin 13) sets the start-up ramp for the +3.3VAUX supply. During turn-on, this capacitor is
charged from a 25µA current source.
15
FAUXB
Active-low, 3.3V compatible, Open Drain fault output for Aux channel B. The same pull-up resistor
as that on FLTNA connects the pin to 3.3VAux.
16
FLTNB
Active-low, 5V compatible, Open Drain fault output for channel B. A pull-up resistor connects the
pin to 3.3VAux. 4.7k
is recommended for this function. An optional capacitor may be connected
from this pin to GND to provide improved immunity to power supply transients.
17
PWRONB
Power on control for channel B. 3.3V CMOS-compatible logic input controls all four main supplies.
PWRONB high = outputs on, PWRONB low = outputs off.
18
M12VGB
Gate of channel B internal NMOS transistor. A capacitor connected from this pin to -12VOB (pin 19)
sets the start-up ramp for the +12V supply. During turn-on, this capacitor is charged from a 25µA
current source.
19
M12VOB
Switched -12V output for channel B. Rated for 100mA.
PRELIMINARY TECHNICAL DATA


Podobny numer części - ADM1014_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1014JRU AD-ADM1014JRU Datasheet
167Kb / 12P
   Dual PCI Hot-PlugTM Controller
REV. PrN 1/02
More results

Podobny opis - ADM1014_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D Datasheet
139Kb / 15P
   Dual PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Micrel Semiconductor
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
   PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com