Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1014 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADM1014
Szczegółowy opis  Dual PCI Hot-Plug Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1014 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADM1014_15 Datasheet HTML 3Page - Analog Devices ADM1014_15 Datasheet HTML 4Page - Analog Devices ADM1014_15 Datasheet HTML 5Page - Analog Devices ADM1014_15 Datasheet HTML 6Page - Analog Devices ADM1014_15 Datasheet HTML 7Page - Analog Devices ADM1014_15 Datasheet HTML 8Page - Analog Devices ADM1014_15 Datasheet HTML 9Page - Analog Devices ADM1014_15 Datasheet HTML 10Page - Analog Devices ADM1014_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADM1014
–7–
REV.
PrN 1/02
Figure 1. Simplified Schematic
CURRENT TRACKING
AND
I-V CONVERTER
VOCSET/0.8
12VG
12VIN
12VO
-12VG
-12VIN
COMP
COMP
COMP
COMP
COMP
COMP
INHIBIT
INHIBIT
INHIBIT
ZENER
REFERENCE
4.6V
2.9V
10.8V
VOCSET/14.5
VOCSET/11.5
VOCSET/3.3
CURRENT
TRACKING
AND
I-V CONVERTER
-12VIN
VCC
LOW WHEN
VCC < 10V
VCC
VOCSET
100µA
5VISEN
5VS
3VISEN
3VS
-12VO
3V5VG
OCSET
VCC
12V IN
POWER-ON
RESET
GND
COMMON
TO BOTH
CHANNELS
CIRCUIT OF ONE CHANNEL SHOWN, BOTH CHANNELS ARE IDENTICAL. RESET AND OCSET CIRCUITRY WITHIN DASHED LINE IS COMMEON TO BOTH CHANNELS
COMP
CURRENT
TRACKING
AND
I-V CONVERTER
VOCSET/1.2
VC
C
AUXG
AUXIN
AUXO
VCC
FLT
FAUX
VCC
PWRON
COMP
VC
C
PAUXON
VCC
3V5VG
PRELIMINARY TECHNICAL DATA


Podobny numer części - ADM1014_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1014JRU AD-ADM1014JRU Datasheet
167Kb / 12P
   Dual PCI Hot-PlugTM Controller
REV. PrN 1/02
More results

Podobny opis - ADM1014_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D Datasheet
139Kb / 15P
   Dual PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Micrel Semiconductor
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
   PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com