Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1065 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADM1065
Szczegółowy opis  Super Sequencer and Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1065 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADM1065_15 Datasheet HTML 3Page - Analog Devices ADM1065_15 Datasheet HTML 4Page - Analog Devices ADM1065_15 Datasheet HTML 5Page - Analog Devices ADM1065_15 Datasheet HTML 6Page - Analog Devices ADM1065_15 Datasheet HTML 7Page - Analog Devices ADM1065_15 Datasheet HTML 8Page - Analog Devices ADM1065_15 Datasheet HTML 9Page - Analog Devices ADM1065_15 Datasheet HTML 10Page - Analog Devices ADM1065_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADM1065
Rev. D | Page 7 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. THE LFCSP HAS AN EXPOSED PAD ON THE BOTTOM.
THIS PAD IS A NO CONNECT (NC). IF POSSIBLE, THIS
PAD SHOULD BE SOLDERED TO THE BOARD FOR
IMPROVED MECHANICAL STABILITY.
ADM1065
TOP VIEW
(Not to Scale)
40
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
VX1
1
VX2
2
VX3
3
VX4
4
VX5
5
VP1
6
VP2
7
VP3
8
VP4
9
VH 10
PDO1
30
PDO2
29
PDO3
28
PDO4
27
PDO5
26
PDO6
25
PDO7
24
PDO8
23
PDO9
22
PDO10
21
PIN 1
INDICATOR
Figure 3. LFCSP Pin Configuration
NC = NO CONNECT
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
NC
1
VX1
2
VX2
3
VX3
4
VX4
5
VX5
6
VP1
7
VP2
8
VP3
9
VP4 10
VH 11
NC 12
NC
36
PDO1
35
PDO2
34
PDO3
33
PDO4
32
PDO5
31
PDO6
30
PDO7
29
PDO8
28
PDO9
27
PDO10
26
NC
25
ADM1065
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 4. TQFP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
LFCSP1
TQFP
Mnemonic
Description
13, 15 to 20,
37, 38
1, 12, 13, 16,
18 to 25, 36,
37, 44, 45, 48
NC
No Connection.
1 to 5
2 to 6
VX1 to VX5
(VXx)
High Impedance Inputs to Supply Fault Detectors. Fault thresholds can be set from 0.573 V
to 1.375 V. Alternatively, these pins can be used as general-purpose digital inputs.
6 to 9
7 to 10
VP1 to VP4
(VPx)
Low Voltage Inputs to Supply Fault Detectors. Three input ranges can be set by altering
the input attenuation on a potential divider connected to these pins, the output of which
connects to a supply fault detector. These pins allow thresholds from 2.5 V to 6.0 V, from
1.25 V to 3.00 V, and from 0.573 V to 1.375 V.
10
11
VH
High Voltage Input to Supply Fault Detectors. Two input ranges can be set by altering the
input attenuation on a potential divider connected to this pin, the output of which connects
to a supply fault detector. This pin allows thresholds from 6.0 V to 14.4 V and from 2.5 V to 6.0 V.
11
14
AGND2
Ground Return for Input Attenuators.
12
15
REFGND2
Ground Return for On-Chip Reference Circuits.
14
17
REFOUT
Reference Output, 2.048 V. Note that the capacitor must be connected between this pin
and REFGND. A 10 μF capacitor is recommended for this purpose.
21 to 30
26 to 35
PDO10 to PDO1
Programmable Output Drivers.
31
38
PDOGND2
Ground Return for Output Drivers.
32
39
VCCP
Central Charge-Pump Voltage of 5.25 V. A reservoir capacitor must be connected between
this pin and GND. A 10 μF capacitor is recommended for this purpose.
33
40
A0
Logic Input. This pin sets the seventh bit of the SMBus interface address.
34
41
A1
Logic Input. This pin sets the sixth bit of the SMBus interface address.
35
42
SCL
SMBus Clock Pin. Bidirectional open drain requires external resistive pull-up.
36
43
SDA
SMBus Data Pin. Bidirectional open drain requires external resistive pull-up.


Podobny numer części - ADM1065_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1065ACP AD-ADM1065ACP Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
ADM1065ACP-REEL AD-ADM1065ACP-REEL Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
ADM1065ACP-REEL7 AD-ADM1065ACP-REEL7 Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
ADM1065ASU AD-ADM1065ASU Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
ADM1065ASU-REEL AD-ADM1065ASU-REEL Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
More results

Podobny opis - ADM1065_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
   Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com