Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF250 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części IRF250
Szczegółowy opis  30A, 200V, 0.085 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF250 Arkusz danych(HTML) 6 Page - Intersil Corporation

  IRF250 Datasheet HTML 1Page - Intersil Corporation IRF250 Datasheet HTML 2Page - Intersil Corporation IRF250 Datasheet HTML 3Page - Intersil Corporation IRF250 Datasheet HTML 4Page - Intersil Corporation IRF250 Datasheet HTML 5Page - Intersil Corporation IRF250 Datasheet HTML 6Page - Intersil Corporation IRF250 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Test Circuits and Waveforms
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED ENERGY WAVEFORMS
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
0.3
µF
12V
BATTERY
50k
VDS
S
DUT
D
G
Ig(REF)
0
(ISOLATED
VDS
0.2
µF
CURRENT
REGULATOR
ID CURRENT
SAMPLING
IG CURRENT
SAMPLING
SUPPLY)
RESISTOR
RESISTOR
SAME TYPE
AS DUT
Qg(TOT)
Qgd
Qgs
VDS
0
VGS
VDD
Ig(REF)
0
IRF250


Podobny numer części - IRF250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
IRF250 SAMSUNG-IRF250 Datasheet
215Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF250 SEME-LAB-IRF250 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
List of Unclassifed Man...
IRF250 ETC-IRF250 Datasheet
84Kb / 2P
   50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
logo
IXYS Corporation
IRF250 IXYS-IRF250 Datasheet
49Kb / 1P
   High Voltage Power MOSFET Die N-Channel Enhancement Mode High Ruggedness Series
logo
Nell Semiconductor Co.,...
IRF250 NELLSEMI-IRF250 Datasheet
435Kb / 7P
   N-Channel Power MOSFET
More results

Podobny opis - IRF250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
30N20 UTC-30N20 Datasheet
131Kb / 3P
   30A, 200V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
   3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRFD210 INTERSIL-IRFD210 Datasheet
52Kb / 6P
   0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
   0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
   2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRFF230 INTERSIL-IRFF230 Datasheet
327Kb / 7P
   5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
IRFD220 FAIRCHILD-IRFD220 Datasheet
91Kb / 7P
   0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFP240 INTERSIL-IRFP240 Datasheet
56Kb / 7P
   20A, 200V, 0.180 Ohm, N-Channel Power MOSFET
BUZ32 INTERSIL-BUZ32 Datasheet
47Kb / 6P
   9.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
IRF240 INTERSIL-IRF240 Datasheet
59Kb / 7P
   18A, 200V, 0.180 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com