Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF323 Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części IRF323
Szczegółowy opis  2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF323 Arkusz danych(HTML) 5 Page - Intersil Corporation

  IRF323 Datasheet HTML 1Page - Intersil Corporation IRF323 Datasheet HTML 2Page - Intersil Corporation IRF323 Datasheet HTML 3Page - Intersil Corporation IRF323 Datasheet HTML 4Page - Intersil Corporation IRF323 Datasheet HTML 5Page - Intersil Corporation IRF323 Datasheet HTML 6Page - Intersil Corporation IRF323 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5-5
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
Typical Performance Curves Unless Otherwise Specified (Continued)
5
4
3
0
2
36
9
12
015
VGS = 5.0V
4.5V
VDS, DRAIN TO SOURCE VOLTAGE (V)
5.5V
6.0V
10V
1
80
µs PULSE TEST
4.0V
10
0.01
24
6
8
010
VGS, GATE TO SOURCE VOLTAGE (V)
0.1
1
VDS ≥ 50V
80
µs PULSE TEST
DUTY CYCLE
≤ 2%
150oC
25oC
ID, DRAIN CURRENT (A)
36
9
12
015
10.0
8.0
6.0
0
4.0
VGS = 20V
2.0
VGS = 10V
3.0
1.8
0.6
0
60
160
-60
TJ, JUNCTION TEMPERATURE (
oC)
ID = 3.3A
2.4
1.2
0
-40
-20
20
40
80
100
140
120
VGS = 10V
1.25
1.05
0.85
0
60
160
-60
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
1.15
0.95
0.75
-40
-20
20
40
80
100
140
120
VDS, DRAIN TO SOURCE VOLTAGE (V)
1000
800
600
400
200
0
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
CISS
COSS
CRSS
1
10
100
IRF320, IRF321, IRF322, IRF323


Podobny numer części - IRF323

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
IRF323 SAMSUNG-IRF323 Datasheet
213Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF323 FAIRCHILD-IRF323 Datasheet
164Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 350-400 V
logo
New Jersey Semi-Conduct...
IRF323 NJSEMI-IRF323 Datasheet
137Kb / 3P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF323 ISC-IRF323 Datasheet
48Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF323 ARTSCHIP-IRF323 Datasheet
333Kb / 6P
   N-Channel Power MOSFETs
More results

Podobny opis - IRF323

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
IRF320 NJSEMI-IRF320 Datasheet
137Kb / 3P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
   12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
   4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
RFM7N35 INTERSIL-RFM7N35 Datasheet
47Kb / 4P
   7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
   12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
Intersil Corporation
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
   3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com