Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADMC401 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADMC401
Szczegółowy opis  Single-Chip, DSP-Based High Performance Motor Controller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADMC401 Arkusz danych(HTML) 2 Page - Analog Devices

  ADMC401_15 Datasheet HTML 1Page - Analog Devices ADMC401_15 Datasheet HTML 2Page - Analog Devices ADMC401_15 Datasheet HTML 3Page - Analog Devices ADMC401_15 Datasheet HTML 4Page - Analog Devices ADMC401_15 Datasheet HTML 5Page - Analog Devices ADMC401_15 Datasheet HTML 6Page - Analog Devices ADMC401_15 Datasheet HTML 7Page - Analog Devices ADMC401_15 Datasheet HTML 8Page - Analog Devices ADMC401_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
RECOMMENDED OPERATING CONDITIONS
B Grade
Parameter
Min
Max
Unit
VDD
Digital Supply Voltage
4.75
5.25
V
AVDD
Analog Supply Voltage
4.75
5.25
V
TAMB
Ambient Operating Temperature
–40
+85
°C
ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min
Max
Unit
VIH
HI-Level Input Voltage
1, 2, 3
@ VDD = max
2.0
V
VIL
LO-Level Input Voltage
1, 2, 3
@ VDD = min
0.8
V
VOH
HI-Level Output Voltage
1, 3, 4, 5, 6
@ VDD = min, IOH = –1.0 mA
2.4
V
@ VDD = min, IOH = –0.1 mA
VDD – 0.3
V
VOL
LO-Level Output Voltage
1, 3, 4, 5, 6
@ VDD = min, IOL = 2.0 mA
0.4
V
VOH
HI-Level Output Voltage
5
@ VDD = min, IOH = –10.0 mA
2.4
V
VOL
LO-Level Output Voltage
5
@ VDD = min, IOL = 10.0 mA
1.2
V
IIH
HI-Level Input Current
7
@ VDD = max, VIN = VDD max
10
µA
IIH
HI-Level Input Current
8
@ VDD = max, VIN = VDD max
100
µA
IIH
HI-Level Input Current
9
@ VDD = max, VIN = VDD max
10
µA
IIL
LO-Level Input Current
7
@ VDD = max, VIN = 0 V
10
µA
IIL
LO-Level Input Current
8
@ VDD = max, VIN = 0 V
10
µA
IIL
LO-Level Input Current
9
@ VDD = max, VIN = 0 V
100
µA
IOZH
HI-Level Three-State Leakage Current
10
@ VDD = max, VIN = VDD max
10
µA
IOZL
LO-Level Three-State Leakage Current
10
@ VDD = max, VIN = 0 V
10
µA
IDD
Digital Supply Current (Idle)
11
@ VDD = max
40
mA
IDD
Digital Supply Current (Dynamic)
12
@ VDD = max
110
mA
IDD
Analog Supply Current
@ AVDD = max
60
mA
CI
Input Pin Capacitance
13
VIN = 2.5 V, fIN = 1 MHz,
8
pF
TAMB = +25
°C
CO
Output Pin Capacitance
13, 14
VIN = 2.5 V, fIN = 1 MHz,
8
pF
TAMB = +25
°C
NOTES
1Bidirectional pins: D0–D23, RFS0, RFS1, TFS0, TFS1, SCLK0 and SCLK1, PIO0–PIO11.
2Input only pins:
PWMTRIP, PWMPOL, PWMSR, RESET, EIA, EIB, EIZ, EIS, ETU0, ETU1, DR1A, DR1B, DR0, CLKIN, CONVST, MMAP, BMODE, BR
and
PWD.
3Programmable I/O Pins (PIO0–PIO11).
4Output pins: PWMSYNC, AUX0, AUX1, CLKOUT, DT0, DT1,
BG, BGH, PMS, DMS, BMS, RD, WR, PWDACK and A0–A13.
5Output pins: AH, AL, BH, BL, CH and CL.
6Although specified for TTL outputs, all ADMC401 outputs are CMOS-compatible and will drive to V
DD–0.3 V and GND+0.3 V assuming no dc loads.
7Input only pins
RESET, EIA, EIB, EIZ, EIS, ETU0, ETU1, DR1A, DR1B, DR0, CLKIN, CONVST, MMAP, BMODE, BR and PWD.
8Input pins with internal pull-down PIO0–PIO11 and
PWMTRIP.
9Input pins with internal pull-up, PWMPOL and
PWMSR.
10Three-statable pins: A0–A13, D0–D23,
PMS, DMS, BMS, RD, WR, DT0, DT1, RFS0, RFS1, TFS0, TFS1, SCLK0, SCLK1.
11Idle refers execution of the IDLE instruction. Deasserted pins are driven to V
DD or GND. Current reflects device operation with CLKOUT disabled.
12Current reflects device operating with no output loads.
13Guaranteed but not tested.
14Output Pin Capacitance is the capacitive load for any three-state output pin.
Specifications subject to change without notice.
(VDD = AVDD = 5 V
5%, GND = AGND = 0 V, TAMB = –40 C to +85 C,
CLKIN = 13 MHz, unless otherwise noted)
REV. B
–2–
ADMC401–SPECIFICATIONS


Podobny numer części - ADMC401_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADMC401-ADVEVALKIT AD-ADMC401-ADVEVALKIT Datasheet
417Kb / 60P
   Single-Chip, DSP-Based High Performance Motor Controller
REV. B
ADMC401-PB AD-ADMC401-PB Datasheet
417Kb / 60P
   Single-Chip, DSP-Based High Performance Motor Controller
REV. B
ADMC401BST AD-ADMC401BST Datasheet
417Kb / 60P
   Single-Chip, DSP-Based High Performance Motor Controller
REV. B
More results

Podobny opis - ADMC401_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADMC401 AD-ADMC401 Datasheet
417Kb / 60P
   Single-Chip, DSP-Based High Performance Motor Controller
REV. B
ADMC300 AD-ADMC300 Datasheet
297Kb / 42P
   High Performance DSP-Based Motor Controller
REV. B
ADMC300 AD-ADMC300_15 Datasheet
296Kb / 42P
   High Performance DSP-Based Motor Controller
REV. B
ADMC331BSTZ AD-ADMC331BSTZ Datasheet
247Kb / 36P
   Single Chip DSP Motor Controller
REV. B
ADMC331 AD-ADMC331_15 Datasheet
247Kb / 36P
   Single Chip DSP Motor Controller
REV. B
ADMC330 AD-ADMC330 Datasheet
163Kb / 20P
   Single Chip DSP Motor Controller
REV. 0
ADMC331 AD-ADMC331 Datasheet
248Kb / 36P
   Single Chip DSP Motor Controller
REV. B
ADMC326 AD-ADMC326_15 Datasheet
240Kb / 32P
   28-Lead ROM-Based DSP Motor Controller
REV. C
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
   28-Lead ROM-Based DSP Motor Controller
REV. A
ADMC328 AD-ADMC328_15 Datasheet
248Kb / 32P
   28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com